Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAR2R01GP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # OAR2R01GP
Description  OAR Open Air Current Sense Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

OAR2R01GP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  OAR2R01GP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. OAR2R01GP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. OAR2R01GP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
How to Order
1
R01
J
OAR
Part Number: OAR
Rated power
Resistance Value (Ω)
Tolerance %
Code
Rated power
1
1w
2
2w
3
3w
5
5w
Code
Resistance Value (Ω)
R005
0.005Ω
R01
0.01Ω
R05
0.05Ω
OAR Open Air Current Sense Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Open-Air Current Sensing Resistors (OAR)
P
Code
Resistance Value (Ω)
F
±1%
G
±2%
J
±5%
Package-Code
Code
Resistance Value (Ω)
P
Bulk


Similar Part No. - OAR2R01GP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OAR TTELEC-OAR Datasheet
613Kb / 4P
   Hot spot isolated from PCB material
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
List of Unclassifed Man...
OAR-1 ETC2-OAR-1 Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR-1 TTELEC-OAR-1 Datasheet
613Kb / 4P
   Hot spot isolated from PCB material
logo
Welwyn Components Limit...
OAR-1R10F WELWYN-OAR-1R10F Datasheet
95Kb / 2P
   Open Air Sense Resistors
More results

Similar Description - OAR2R01GP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
IRC - a TT electronics ...
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com