Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSPA1040A Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA1040A
Description  TPSPA High Saturation Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA1040A Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPSPA1040A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA1040A Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
03 of 09
(TPSPA0603A) Electrical Characteristics
Part Number
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-0603A-1R0M
1.0
7.6
8.0
12.5
9.5
TPSPA-0603A-1R5M
1.5
11.7
12.5
10.5
8.0
TPSPA-0603A-2R2M
2.2
15.7
16.5
9.0
7.0
TPSPA-0603A-3R3M
3.3
24.8
26.0
7.0
6.5
TPSPA-0603A-4R7M
4.7
31.8
33.4
6.0
4.0
TPSPA-0603A-6R8M
6.8
44.6
46.8
5.5
4.0
TPSPA-0603A-8R2M
8.2
52.3
54.9
5.0
4.0
TPSPA-0603A-100M
10.0
67.8
71.2
4.0
3.5
TPSPA-0603A-220M
22.0
128.9
135.0
2.9
2.5
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
(TPSPA1040) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1040-R19M
0.19
0.50
0.60
44
44
TPSPA-1040-R24M
0.24
0.70
0.80
38
38
TPSPA-1040-R36M
0.36
0.85
0.95
35
35
TPSPA-1040-R47M
0.47
1.20
1.40
32
32
TPSPA-1040-R56M
0.56
1.25
1.35
30
30
TPSPA-1040-R68M
0.68
1.60
1.80
25
30
TPSPA-1040-R78M
0.78
1.60
1.70
25
25
TPSPA-1040-1R0M
1.0
2.20
2.50
20
20
TPSPA-1040-1R8M
1.8
4.50
5.00
15
15
TPSPA-1040-2R0M
2.0
5.20
5.80
14
14
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TPSPA1040A

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSP1003-01ETG TECHPUBLIC-TPSP1003-01ETG Datasheet
1Mb / 4P
   1-Line Uni-directional TVS Diode
logo
AVX Corporation
TPSP106M010#2000 AVX-TPSP106M010#2000 Datasheet
199Kb / 16P
   Low ESR
logo
TECH PUBLIC Electronics...
TPSP3050-04HTG TECHPUBLIC-TPSP3050-04HTG Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
TPSP3420-04UTG TECHPUBLIC-TPSP3420-04UTG Datasheet
637Kb / 4P
   Low Capactionce 4-Line Uni-directional TVS Diode
logo
Total Power Internation...
TPSPU-40 TOTAL-POWER-TPSPU-40 Datasheet
259Kb / 2P
   40W Desk Top Type I.T.E. Power Supplies
More results

Similar Description - TPSPA1040A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-5050CE-A1 VISHAY-IHLP-5050CE-A1 Datasheet
151Kb / 5P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050EZ-A1 VISHAY-IHLP-5050EZ-A1 Datasheet
137Kb / 5P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-3232CZ-A1 VISHAY-IHLP-3232CZ-A1 Datasheet
285Kb / 6P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-3232DZ-A1 VISHAY-IHLP-3232DZ-A1 Datasheet
303Kb / 6P
    Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050FD-A1 VISHAY-IHLP-5050FD-A1 Datasheet
155Kb / 6P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_17 Datasheet
171Kb / 5P
   IHLP Commercial Inductors, High Saturation
Revision: 07-Jun-17
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01_17 Datasheet
135Kb / 5P
   IHLP Commercial Inductors, High Saturation
Revision: 07-Jun-17
IHLP-2525CZ-A1 VISHAY-IHLP-2525CZ-A1_17 Datasheet
157Kb / 4P
    Automotive Inductors, High Saturation Series
Revision: 08-Jun-17
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_17 Datasheet
122Kb / 4P
   IHLP Commercial Inductors, High Saturation Series
Revision: 07-Jun-17
IHLP-4040DZ-01 VISHAY-IHLP-4040DZ-01_17 Datasheet
110Kb / 4P
   IHLP Commercial Inductors, High Saturation Series
Revision: 07-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com