Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR02BPC21002 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # PR02BPC21002
Description  PR Anti-Corrosive Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PR02BPC21002 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  PR02BPC21002 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PR02BPC21002 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PR02BPC21002 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PR02BPC21002 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PR02BPC21002 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04 of 05
Paper Tape Specifications (Unit: mm)
Emboss Plastic Tape Specifications (Unit: mm)
T
Bottom Tape
Paper Tape
Top Tape
Resistor
A
B
Φ D0
P1
P2 P0
E
F
W
direction of unreeling
Codes
A
B
W
E
F
P0
P1
P2
ΦD0
T
PR02 0.70±0.05 1.16±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 2.00±0.05 2.00±0.05 1.55±0.05 0.40±0.03
PR03 1.10±0.05 1.90±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.60±0.03
PR05 1.60±0.05 2.37±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
PR06 2.00±0.05 3.55±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
Top Tape
Resistor
Emboss Tape
A
B
Φ D0
P1 P2 P0
F
E
W
direction of unreeling
Φ D1=1.5min
t
Codes
A±0.10 B±0.10 W±0.10 E±0.10 F±0.05 P0±0.05 P1±0.10 P2±0.05 ΦD0+0.10 T±0.20
PWR10
2.85
5.45
12.0
1.75
5.5
4.00
4.00
2.00
1.50
1.00
PWR12
3.40
6.65
12.0
1.75
5.5
4.00
4.00
2.00
1.50
1.00
Power Derating Curve
100
80
60
40
30
20
0
20 40
60
80
160
140
120
100
0
180
Ambient Temperature (°C)
70
Version 2010
PR Anti-Corrosive Chip Resistor
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PR02BPC21002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR02 VISHAY-PR02 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
PR02 VISHAY-PR02 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02 VISHAY-PR02 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
   High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
Revision: 15-Feb-17
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
More results

Similar Description - PR02BPC21002

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
NIC-Components Corp.
NTRC NIC-NTRC Datasheet
490Kb / 4P
   Anti-Corrosive Thin Film Chip Resistors
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com