Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDM74P1R2JP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RDM74P1R2JP
Description  RDM Carbon Film Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RDM74P1R2JP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RDM74P1R2JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RDM74P1R2JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RDM74P1R2JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
How to Order
RDM74P
1R
J
TR
Resistance Value:
Code
Resistance Value
1R2
1.2Ω
12R
12Ω
120R
120Ω
12K
12KΩ
Product type: RDM73S, RDM73P, RDM74S, RDM74P, RDM16M, RDM17S, RDM17P
Code
Resistance Tolerance
G
±2%
J
±5%
Resistance Tolerance (%)
Code
Packaging
T
Taping Reel
P
Bulk
Packaging
RDM Carbon Film Melf Resistors
Back to 1st Page - Carbon Film Melf Resistors(RDM)
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RDM74P1R2JP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RDM E-SWITCH-RDM Datasheet
1Mb / 4P
   rDm SerieS rotary Dip Switch
logo
SUN HOLD ELECTRIC INC
RDM-2C-12 SUNHOLD-RDM-2C-12 Datasheet
892Kb / 2P
   RDM SERIES
RDM-2C-12-L SUNHOLD-RDM-2C-12-L Datasheet
892Kb / 2P
   RDM SERIES
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
   GPSGSM COMBINATION ANTENNA
Rev A
More results

Similar Description - RDM74P1R2JP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com