Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-E15-1S Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-E15-1S
Description  E cores and accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-E15-1S Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-E15-1S Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferroxcube
E cores and accessories
E42/21/15
COIL FORMERS
General data for E42/21/15 coil formerwithoutpins
Winding datafor E42/21/15 coil former without pins
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in
accordance with “UL 94V-0”; UL file number E45329(R)
Maximum operating temperature
155 C, “IEC 60085”, class F
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
178
26
93
CP-E42/21/15-1S
handbook, full pagewidth
2
29 max.
30.8 max.
28
26.2 min.
14.6
12.6 0.2
34
max.
17.9
15.7
0.2
CBW494
Fig.2 E42/21/15 coil former.
Dimensions in mm.


Similar Part No. - CP-E15-1S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E10-1S FERROXCUBE-CP-E10-1S Datasheet
82Kb / 1P
   E cores and accessories
CP-E16 FERROXCUBE-CP-E16 Datasheet
77Kb / 2P
   Dimensions for product: E25/10/6
CP-E16-1S FERROXCUBE-CP-E16-1S Datasheet
33Kb / 1P
   E cores and accessories
logo
Festo Corporation.
CP-E16-KL-CL FESTO-CP-E16-KL-CL Datasheet
70Kb / 1P
   Input/output module
CP-E16-M12-EL FESTO-CP-E16-M12-EL Datasheet
76Kb / 1P
   Input module
More results

Similar Description - CP-E15-1S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com