Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCUU16-303 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TCUU16-303
Description  TCUU98V EMI Line Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUU16-303 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TCUU16-303 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUU16-303 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TCUU EMI Line Filters
11 of 11
Part Number: TCUU98V Vertical Type,
TCUU98H Horizontal Type,
TCUU10,
TCUU16
(TCUU98V, TCUU98H, TCUU10, TCUU16) How to Order
471
TCUU98V
Code
Inductance
471
0.47mH
681
0.68mH
102
1.0mH
222
2.2mH
Inductance
Winding
Code
Tolerance
None
Standard Winding
D
Sectional Winding
P
Package : P ( Bulk )
Part Number: TCUT20,
TCET24B,
TCET24H,
TCET28B,
TCET28H
(TCUT20, TCET24B, TCET24H, TCET28B, TCET28H) How to Order
471
TCUU98V
P
Code
Inductance
222
2.2mH
392
3.9mH
103
10.0mH
183
20.0mH
Inductance
Package : P ( Bulk )
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - EMI Line Filters (TCUU)


Similar Part No. - TCUU16-303

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCUU16102DP TOKEN-TCUU16102DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU16102P TOKEN-TCUU16102P Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU16222DP TOKEN-TCUU16222DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU16222P TOKEN-TCUU16222P Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU16471DP TOKEN-TCUU16471DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
More results

Similar Description - TCUU16-303

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Token Electronics Indus...
TCUU98V471DP TOKEN-TCUU98V471DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com