Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDM74P12RJT Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RDM74P12RJT
Description  RDM Carbon Film Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RDM74P12RJT Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RDM74P12RJT Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RDM74P12RJT Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RDM74P12RJT Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RDM Carbon Film Melf Resistors
Carbon Film
Melf Resistors
Token Carbon Film MELF (RDM)
is The Cost-Effective Option
Preview
Commercial grade low power carbon film resistors offer high quality performance for applications that do not
require surge protection or precision tolerances.
Providing design engineers with an economical power resistor with high quality performance, Token Electronics
now offers commercial grade low power carbon film resistors. Designated the RDM Series, the conformally
coated resistors offer high quality performance for applications that do not require surge protection or precision
tolerances.
The commercial grade carbon melf resistors are available in flame retardant packaging and have ideal
specifications for consumer electronic or electrical devices. The RDM Series resistors offer a wide resistance
range for devices with power ratings below 1W, delivering high quality performance for general purpose
applications.
The RDM Series resistors are ideal for general use applications including electrical equipment, small appliances
and consumer electronics, such as televisions and other high-volume products.
The RDM Series film resistors feature power ratings from 0.125 to 1W, with a resistance range from 1 Ω to 1M
Ω. Standard tolerances for the devices are to ±2% and ±5% with TCRs as low as ±300ppm/°C for values of 1K Ω
or less. Maximum working voltage ranges from 200V to 350V.
Contact our sales representative with your specific needs.
Applications :
- Speciality carbon film technology. DIN: 0204, 0207, 0309.
- Coating color: Yellow; Marking: Color code (3 color band).
- Free direction for mounting due to cylindrical design. Electrodes
strength is higher than flat chip resistors.
- Specially plated electrodes for high solderability. Lower current
noise than flat chip resistors. Lead (Pb)-free and RoHS compliant.
Applications :
- Home appliances, Electrical Equipment, Consumer electronics.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RDM74P12RJT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RDM E-SWITCH-RDM Datasheet
1Mb / 4P
   rDm SerieS rotary Dip Switch
logo
SUN HOLD ELECTRIC INC
RDM-2C-12 SUNHOLD-RDM-2C-12 Datasheet
892Kb / 2P
   RDM SERIES
RDM-2C-12-L SUNHOLD-RDM-2C-12-L Datasheet
892Kb / 2P
   RDM SERIES
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
   GPSGSM COMBINATION ANTENNA
Rev A
More results

Similar Description - RDM74P12RJT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com