Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI8010WA5M1J Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RI8010WA5M1J
Description  RI80 Metal Glaze Impulse Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI8010WA5M1J Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RI8010WA5M1J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI8010WA5M1J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI8010WA5M1J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI8010WA5M1J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
1W
a
51M
RI80
G
04 of 04
Part Number: RI80
Rated Power (W): 1W, 2W, 3W, 5W, 10W
Style: a Style, b Style, c Style
Resistance Value (Ω)
Code
Resistance Value (Ω)
5M1
5.1MΩ
51M
51MΩ
510M
510MΩ
Resistance Tolerance
Code
Resistance Tolerance
G
±2%
J
±5%
M
±10%
Version 2010
RI80 Metal Glaze Impulse Resistors
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - High Voltage Resistors (RI80)


Similar Part No. - RI8010WA5M1J

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI801WA510MG TOKEN-RI801WA510MG Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI801WA510MJ TOKEN-RI801WA510MJ Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI801WA510MK TOKEN-RI801WA510MK Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI801WA51MG TOKEN-RI801WA51MG Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI801WA51MJ TOKEN-RI801WA51MJ Datasheet
607Kb / 6P
   High Voltage Surge Resistor
More results

Similar Description - RI8010WA5M1J

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
   Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
logo
IRC - a TT electronics ...
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com