Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BWL1WR1JP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # BWL1WR1JP
Description  BWL Low Resistive Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

BWL1WR1JP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  BWL1WR1JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. BWL1WR1JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
Technical Specifcations & Dimensions
Electrical Performance
Ambient Temp. °C
100
58.5
40
20
0
-80 -60 -40
-55
85
20
-20
40
0
100 120
60
140
175 200
160
80
80
Power Derating Curve
A
F (check point)
30±3
d
Type
Rated Watts
at 25°C
(W)
Resistance Range
(Ω)
Tolerance
Dimensions (mm)
Min
Max
A±0.25 ΦB±0.25
Φd
F
BWL-0.5
0.5
0.01
1
±1%
±2%
±5%
7.0
3.0
0.8
27.0
BWL-1
1.0
0.005
2
11.0
3.0
0.8
31.0
BWL-3
3.0
0.005
2
15.0
5.2
0.8
34.0
BWL-4
4.0
0.005
5
18.0
6.5
0.8
38.0
BWL-5
5.0
0.005
1
24.0
8.4
1.0
44.0
BWL-10
10.0
0.01
1
46.5
10.0
1.0
66.0
Test Items
Test Conditions
Specifications
Operating Temp. Range
-55°C ~ 175°C
Insulation Resistance
500V
>1GΩ
Dielectric Withstanding Voltage
500V AC 1 Min.
ΔR ≤ ±0.1%R
Load Life
70°C on~off cycle 1000 Hrs.
ΔR ≤ ±1%R
Moisture-Proof Load Life
40°C 95% RH on~off cycle 21 Hrs.
ΔR ≤ ±0.2%R
Resistance to soldering heat
350°C, 3.5s
ΔR ≤ ±0.1%R
Solderability
235±5°C, 5s(solder bath method)
IEC68-2-20(1968)
How to Order
1W
R01
F
BWL
P
Part Number
Resistance
Code
Resistance
R01
0.01Ω
R1
0.1Ω
1R
Code
Resistance Tolerance
F
±1%
G
±2%
J
±5%
Resistance Tolerance
Packaging: P (Bulk)
Power Rating (W)
BWL Low Resistive Power Resistors
Back to 1st Page - Power Low Resistance Resistors (BWR)
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - BWL1WR1JP

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-2B1A01 BRIGHT-BWL-2B1A01 Datasheet
205Kb / 5P
   InGaN Flip chip White Efficient heat transfer.
BWL-2B1A01-H1 BRIGHT-BWL-2B1A01-H1 Datasheet
223Kb / 4P
   1W AlInGaN White High lumen output Efficient heat transfer.
BWL-2B1B01 BRIGHT-BWL-2B1B01 Datasheet
183Kb / 4P
   1W AlInGaN Blue High lumen output Efficient heat transfer.
BWL-2B1B01-H1 BRIGHT-BWL-2B1B01-H1 Datasheet
773Kb / 4P
   1W AlInGaN Blue Low power consumption Efficient heat transfer.
BWL-2B1G01 BRIGHT-BWL-2B1G01 Datasheet
203Kb / 5P
   1W InGaN Flip chip Green Low power consumption
More results

Similar Description - BWL1WR1JP

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT3-0R01F1 RIEDON-MT3-0R01F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT-1A RIEDON-MT-1A Datasheet
177Kb / 2P
   Low Ohm Power Resistors
TFBR2 RIEDON-TFBR2 Datasheet
310Kb / 1P
   Low Profile Power Resistors
MT1A-0R01F1 RIEDON-MT1A-0R01F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT-5 RIEDON-MT-5 Datasheet
316Kb / 2P
   Low Ohm Power Resistors
MT2B-0R1F1 RIEDON-MT2B-0R1F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT2A-0R05F1 RIEDON-MT2A-0R05F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
logo
Marki Microwave
PD-0030 MARKIMICROWAVE-PD-0030 Datasheet
468Kb / 2P
   RESISTIVE POWER DIVIDER
PD-0020 MARKIMICROWAVE-PD-0020 Datasheet
270Kb / 2P
   RESISTIVE POWER DIVIDER
PD-0030SMG MARKIMICROWAVE-PD-0030SMG Datasheet
363Kb / 2P
   RESISTIVE POWER DIVIDER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com