Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT6.65MWP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # XT6.65MWP
Description  XT MW Double Type Trap Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

XT6.65MWP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  XT6.65MWP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. XT6.65MWP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. XT6.65MWP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
XT MW Double Type Trap Filters
Ceramic Double
Trap Filters
4.5 MHz ~ 6.5 MHz
XT MW Ceramic Double Trap Filters
(Murata TPWA Series Compatible)
Preview
Trap filter is a ceramic filter passes only particular frequency.
To the contrary, Band Eliminate Filter (B. E. F.) which
blocks or attenuates particular frequency is called trap.
Sound trap for TV set is one of the famous example of B. E. F.
In TV set, video signal is used in picture amplitude circuit after
video signal detection block, ceramic resonator is insert here
and trap circuit is formed in order to eliminate sound signal
involved in video signal.
Token Double Trap Filter XT MW Series consist of 2 wafers
with 2 trap frequencies. Recommended for Multi standard set.
Features with good performance of attenuation and space saving with 3-terminal type. The characteristic of a
three-terminal ceramic trap equals two two-terminal ceramic trap. Three-terminal ceramic trap has a monolith
structure formed from 2 ceramic resonators.
Full line products meet RoHS compliant. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
XTMW Double Trap Filter Quick Selection :
● Dimensions (Unit: mm): 10.0 max x 8.0 max x 4.0 max.
● XT4.47MW Cener Frequency f01:4.500MHz; Cener Frequency f02:4.724MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT4.60MW Cener Frequency f01:4.500MHz; Cener Frequency f02:6.000MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.57MW Cener Frequency f01:5.500MHz; Cener Frequency f02:5.742MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.60MW Cener Frequency f01:5.500MHz; Cener Frequency f02:6.000MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT5.65MW Cener Frequency f01:5.500MHz; Cener Frequency f02:6.500MHz;
30db min @f01& f02;
50(kHz)min@f01 30dB Att BW
● XT6.65MW Cener Frequency f01:6.000MHz; Cener Frequency f02:6.500MHz;
30db min @f01& f02;
70(kHz)min@f01 30dB Att BW
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - XT6.65MWP

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT6.0MB EUROQUARTZ-XT6.0MB Datasheet
42Kb / 1P
   CERAMIC TRAP
logo
ECS, Inc.
XT6.0MB ECS-XT6.0MB Datasheet
189Kb / 2P
   CERAMIC TRAP
logo
Token Electronics Indus...
XT6.0MB TOKEN-XT6.0MB Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
XT6.0MBP TOKEN-XT6.0MBP Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
XT6.0MJ TOKEN-XT6.0MJ Datasheet
294Kb / 3P
   XT MJ Chrominance Carrier trap
More results

Similar Description - XT6.65MWP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
   XT MB Ceramic Trap Filters
XT01MT TOKEN-XT01MT Datasheet
297Kb / 2P
   XT MT TCeramic Triple Trap Filters
XT3.58MJ TOKEN-XT3.58MJ Datasheet
294Kb / 3P
   XT MJ Chrominance Carrier trap
logo
Oscilent Corporation
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
   Ceramic XT Trap For TV/VCR
logo
List of Unclassifed Man...
SV-MPF1 ETC-SV-MPF1 Datasheet
964Kb / 3P
   How Filters Trap More Dirt
logo
Token Electronics Indus...
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
List of Unclassifed Man...
SV-SPF1 ETC-SV-SPF1 Datasheet
975Kb / 3P
   How Filters Trap More Dirt
logo
Oscilent Corporation
754-4.47M OSCILENT-754-4.47M Datasheet
132Kb / 2P
   Ceramic Trap Double/Triple Peak
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
   CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
   CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com