Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMC1WA5K1M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RMC1WA5K1M
Description  RMCA, RMCB Ceramic Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMC1WA5K1M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RMC1WA5K1M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMC1WA5K1M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMC1WA5K1M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
The RMCA, RMCB Series MELF type of fixed ceramic
resistors from Token Electronics offers automotive
designers a compact solution for applications involving
high voltages, surges, high peak power, or high-energy
pulses. They offer enhanced performance in R-C snubber
circuits, high voltage power supplies, and inrush limiters.
Token’s RMCA, RMCB series now offers the industry a
direct replacement carbon composition resistor based on
a bulk resistive element comprising carbon in a ceramic
filler. Due to the need for higher peak voltages,
the RMCA, RMCB range is perfect for vehicle ignition
system applications.
The RMCA, RMCB Series conform to RoHS compliant and lead free. For customed designs, tighter tolerances,
non-standard technical requirements, or custom special applications, please contact our sales for more
information.
Ceramic Composition Resistor Construction :
Bulk ceramic resistors that consists of a clay, alumina, and ceramic filler that has been blended and
pressurized into a resistive core and then covered with a molded outer insulating core.
Replacement Carbon-Composition Resistors :
Design requirements for custom sizes, surface mount, or special footprints can be met easily.
In cases where several carbon-composition resistors have been used together in an array to achieve a
particular rating, they have been replaced with a single bulk ceramic resistor, frequently at a lower
installed cost.
RMCA, RMCB Ceramic Resistors
Enhanced Performance for High Voltage Applications
- Ignition Non-Inductive (RMCA, RMCB)
Ceramic Composition
Resistors
Features
- Operating Temperature -40°C ~ 155°C.
- Resistance Tolerance K(±10%), M(±20%).
- Typical resistance range 470 ohm ~ 100 Kohm.
- Replaces 1 and 2 watt carbon composition resistors.
- Suitable for noise suppressor of engine ignition system.
- High peak power, Reliable with non-disconnection failure.
- Rated Wattage up 5W, meets high energy density demands.
Applications
- Inrush limiters
- R-C snubber circuits
- Vehicle ignition system
- High voltage power supplies
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMC1WA5K1M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMC1WA5K1M TOKEN-RMC1WA5K1M Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
More results

Similar Description - RMC1WA5K1M

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CCR WELWYN-CCR Datasheet
83Kb / 4P
   Carbon Ceramic Resistors
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
logo
Riedon Powertron
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
   Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
   Ceramic Wirewound Resistors
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
KOA Speer Electronics, ...
PCF1C KOA-PCF1C Datasheet
93Kb / 6P
   Fixed Ceramic Composition Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
   Ceramic Case Resistors-Wirewound
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
logo
List of Unclassifed Man...
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
   Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
   Ceramic Encased Wire Wound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com