Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTB455ETR Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # ZTB455ETR
Description  ZTAC/ZTTC SMD MHZ Resonators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTB455ETR Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  ZTB455ETR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTB455ETR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTB455ETR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. ZTB455ETR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. ZTB455ETR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. ZTB455ETR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
04 of 06
ZTAC/ZTTC SMD MHZ Resonators
VDD
IC
IC
Output
1MΩ
C1
C2
X
ZTACC/CR/CS/CV/CW/CE
* MG/MT/MX
IC(MG,MT):1/6TC4069UBP×2
( M X ):1/6TC74HCU04×2
X: Ceramic Resonator
VDD: +5V
C1C2 (MG,MT):30pF
( M X ):30pF(13.01~20.00MHz)
15pF(20.01~25.99MHz)
5pF(26.00~50.00MHz)
X
VDD
IC
IC
Output
1MΩ
ZTTCC/CR/CS/CV/CW/CE * MG/MT/MX
IC (MG,MT):1/6TC4069UBP×2
( M X ):1/6TC74HCU04×2
X:Ceramic Resonator
Part Number
Frequency
Range
(MHz)
Frequency
Accuracy
(%)
Stability in Temperature
(-20°C ~ +80°C)
(%)
Aging for
Ten Years
(%)
ZTACC*MG / ZTTCC*MG
1.79 ~ 8.00
± 0.5
± 0.3
± 0.3
ZTACR*MG / ZTTCR*MG
4.00 ~ 8.00
± 0.5
± 0.3
± 0.3
ZTACS*MT / ZTTCS*MT
6.00 ~ 13.00
± 0.5
± 0.4
± 0.3
ZTACV*MT / ZTTCV*MT
8.00 ~ 13.00
± 0.5
± 0.4
± 0.3
ZTACE*MG / ZTTCE*MG
8.00 ~ 13.00
± 0.5
± 0.4
± 0.3
ZTACS*MX / ZTTCS*MX
13.01 ~ 50.00
± 0.5
± 0.3
± 0.3
ZTACV*MX / ZTTCV*MX
16.00 ~ 50.00
± 0.5
± 0.3
± 0.3
ZTACW*MX / ZTTCW*MX
20.00 ~ 45.00
± 0.5
± 0.3
± 0.3
Technical Characteristics
Chip (ZTAC/ZTTC) Test Circuit for MOS IC
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - ZTB455ETR

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB455E EUROQUARTZ-ZTB455E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
Shenzhen Luguang Electr...
ZTB455E LUGUANG-ZTB455E Datasheet
182Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTB455E ECS-ZTB455E Datasheet
200Kb / 2P
   CERAMIC RESONATOR
More results

Similar Description - ZTB455ETR

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
   HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
   SMD Resonators
27/03/2008
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
   SMD Resonators
01/108/07
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
   SMD Resonators
10/10/05
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
   SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
   SMD Resonators
28/09/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com