Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10.7MA20DP Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MA20DP
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MA20DP Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MA20DP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LT10.7MA20DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTCS10.7M Chip Ceramic Filters
Dimensions
3.45±0.2
1.4±0.1
LTCS10.7M
A5
0.7±0.3
0.7±0.3 0.7±0.3
0-0.3
0-0.3
(1.30)
(1.30)
① ②
Input
Ground
Float(signal line)
Output
0.6±0.3
0.6±0.3
0.4±0.2
(1.35)
0-0.3
0-0.3
(1.35)
Technical Characteristics
Part Number
3dB Band Width
(kHz)
20dB Band Width
(kHz)max
Insertion Loss
(dB)max
Spurious Attenuation
(9-12MHz)(dB)min
LTCS10.7MS2
230±50
510
3.5±2.0
30
LTCS10.7MS3
180±40
470
4.5±2.0
30
LTCS10.7MA5
280±50
590
3.0±2.0
30
LTCS10.7MA20
330±50
700
3.0±2.0
30
Test Circuit
~
RF
V.M
R2 C
Rg
S.S.G
R1
Rg +R1= R2=330Ω
C=10pF
Including stray capacitance and input capacitance of RF voltmeter
How to Order
LTCS10.7MS2
TR
Back to 1st Page - Chip Ceramic Filters - LTCS10.7M
Part Number
Packaging:( TR : Taping Reel )
TOKEN
06 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT10.7MA20DP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT10.7MA20DP TOKEN-LT10.7MA20DP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results

Similar Description - LT10.7MA20DP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com