Electronic Components Datasheet Search |
|
TCUU10471DP Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd. |
|
TCUU10471DP Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd. |
10 / 85 page EMI Line Filters TCUU EMI Line Filters EMI Line Filters for filtering common mode power line noise (TCUU) Preview In recent times there has been a growing need for energy storage inductors for noise filtering in both mains line filters and DC chokes used in switched-mode power supplies. In mains line filter applications the filtering falls into two categories: common-mode noise and differential-mode noise. The line filter arrangement consists of two sections bobbin between the mains supply and the equipment. Note that the common-mode filter is wound on a single core and the differential mode filter consists of two indiviual wound cores. The common-mode noise is in relation to ground and is common to both lines. Differential mode noise is the noise between the two lines. Both types of noise are usually present to varying degrees. Token line filters TCUU series common mode choke coils are used in a wide range of prevention of radio frequency interference (RFI) and electromagnetic interference (EMI) from power supply lines and for prevention of multifunctioning of products such as measuring equipment and system equipment. Features wide range of selection, high impedance at applicable frequency, and high self-resonant frequency. The TCUU series is designed to reduce stray capacity between windings by using a single-layer coil and two sections bobbin construction on high permeability ferrite core, which offer excellent high frequency characteristics. This series provides excellent noise suppression for high frequency ranges including the FM band. This filter can also be used as a signal line with excellent withstanding voltage, since the windings are divided into two sections. Token is equipped to design and produce custom components to meet many design and reliability demands. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - Easily inserted into PCB. - Small size and inexpensive type. - Highly reliable, compact & lightweight. - Magnetic shielded construction available. - Characteristics in Low Frequency Band. - AC common mode choke coil which has excellent attenuation. Applications : - Multi-Function Telephones. - Common Mode Chokes for Effective AC line Noise Prevention. - AC Adapters, Faxs Small Size Fluorescent Lights, VCRS,Color TVS. 08 of 83 Version 2010 http://www.token.com.tw/ rfq token.com.tw TOKEN |
Similar Part No. - TCUU10471DP |
|
Similar Description - TCUU10471DP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |