Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMF100505R10K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TRMF100505R10K
Description  TRMF Multilayer Ceramic Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMF100505R10K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TRMF100505R10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMF100505R10K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
01 of 13
Version 2010
Multilayer
Ceramic Inductors
TRMF Multilayer Ceramic Inductors
Multilayer Ceramic Inductors Add New Options
for High-Frequency Applications
Preview
Ceramic materials and process technologies have allowed Token to add magnetics portfolio with a new series
of multilayer high-frequency ceramic inductors. The Token TRMF series inductors are aimed at signal shaping
and RF filtering applications in a wide range of electronic systems. Target end products include remote controls,
high-end video processing equipment, set-top boxes, cell phones, pagers, keyless entry systems, wireless and
wireline networks, and cable modems.
Standard inductance options for the TRMF series range from 1 nH to 100 nH. Available tolerances are ±0.3nH,
±5%, and ±10%. Maximum DC resistance (DCR) ranges from 0.1Ω to 2.5Ω depending on inductance. In a
space-saving surface-mount 0402 package measures (1 x 0.5 mm) and with 2-mil (0.5 mm) height profile. 0402,
0603, and 0805 package size are available.
TRMF inductors feature a high Q rating and minimum self-resonant frequency ranges from 0.6 GHz to 10 GHz.
Designed for reliable operation in high-frequency applications, TRMF inductors are rated for currents from 100
mA to 500 mA. Their surface-mount packaging is solderable by reflow or wave methods and specified for a wide
operating temperature range of -55°C to +125°C.
The TRMF series is fully RoHS compliant and is supplied in tape and reel packaging ready for use with
automated assembly processes.
Contact us with your specific needs.
Features :
- High Q and high reliability and ceramic material.
- To prevent EMI interference noises between
electronic circuits.
Applications :
- Display Monitor, Gaming Machine,
- Notebook Computer, Disc Drive Unit(CD/DVD),
- Inkjet Printer, Hard Disk Drive, Copying Machine,
- Video Tape Recorder, DVD Player, Video Camera,
- Color TV, Digital Still Camera, Car Electronics,
Lowest EMI.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMF100505R10K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMF100505R10K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCT KOA-MHL1JCT Datasheet
150Kb / 6P
   Multilayer Ceramic Inductors
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com