Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCPWCH05H05MP121 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCPWCH05H05MP121
Description  TCPWC EMI Filters SMD Choke
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCPWCH05H05MP121 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCPWCH05H05MP121 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCPWCH05H05MP121 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCPWCH05H05MP121 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCPWCH05H05MP121 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCPWCH05H05MP121 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCPWCH05H05MP121 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
04 of 06
Leader / Tape
Version 2010
(TCB4F - 617DB) Electrical Characteristics C
Port1
Port2
Trailer End
Trailer(80mm min)
Empty Compartments with
Cover Tape (80mm min)
Cover Tape Only
450mm min
Leader
Peel-off Force
160~180°
Top cover tape
Base tape
The force for tearing off cover tape is 0.05 ~ 0.69(N)
in the arrow direction at the following conditions:
Temperature: 5 ~ 35°C.
Humidity: 45 ~ 85%.
Atmospheric pressure: 860 ~ 1060 hpa.
TCPWC EMI Filters SMD Choke
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCPWCH05H05MP121

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCPWCH05MT121 TOKEN-TCPWCH05MT121 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT181 TOKEN-TCPWCH05MT181 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT201 TOKEN-TCPWCH05MT201 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT261 TOKEN-TCPWCH05MT261 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT371 TOKEN-TCPWCH05MT371 Datasheet
646Kb / 23P
   Balun Transformer General Information
More results

Similar Description - TCPWCH05H05MP121

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com