Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR03BPC32201 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # PR03BPC32201
Description  PR Anti-Corrosive Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PR03BPC32201 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  PR03BPC32201 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PR03BPC32201 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PR03BPC32201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PR03BPC32201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PR03BPC32201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
05 of 05
Packaging
Test Item
Specification
Test Method
Size 0603/0805/1206/2010/2512
Size 0402
Short Time Overload ≤ ±0.02%
≤ ±0.1%
RCWV*2.5 or Max Overloading Voltage,
2 seconds
Thermal Shock
≤ ±0.02%
≤ ±0.1%
MIL-STD-202F Method 107G
-55°C~125°C, 100 cycles
Load Life
≤ ±0.05%
≤ ±0.25%
MIL-STD-202F Method 108A RCWV,
70°C, 1.5 hours ON, 0.5 hours OFF,
total 1000~1048 hours
Humidity
(Steady State)
≤ ±0.05%
≤ ±0.5%
MIL-STD-202F Method 103B 40°C,
90~95%RH, RCWV 1.5 hours ON, 0.5
hours OFF, total 1000~1048 hours
Resistance to
Dry Heat
≤ ±0.05%
≤ ±0.5%
JIS-C-5202-7.2
1000 hours @ +155°C without load
Resistance to
Soldering Heat
≤ ±0.02%
≤ ±0.1%
MIL-STD-202F Method 210E
260±5°C, 10±1seconds
Solderability
95%min coverage
MIL-STD-202F Method 208H
245°C±5°C, 3±0.5(sec)
Note: Storage Temperature: 25±3°C; Humidity: <80%RH
How to Order
02
D
TR
PR
C3
1002
Part Number
Code
Dimensions(L×W)
EIA
02
1.00×0.50mm
0402
03
1.60×0.80mm
0603
05
2.00×1.25mm
0805
06
3.00×1.50mm
1206
10
4.90×2.40mm
2010
12
6.30×3.10mm
2512
Dimensions(L×W) (mm)
Resistance Tolerance (%)
Code
Resistance Tolerance
B
±0.10%
C
±0.25%
D
±0.50%
Code
Marking
Standard Marking for E96/E24
N
No Marking
Marking
TCR (ppm/°C)
Code
Resistance
1000
100Ω
2201
2200Ω
1002
10000Ω
4992
49900Ω
1003
100000Ω
Package
Code
Package
TR
Taping Reel
P
Bulk
Resistance (Ω)
Code
Marking
C3
±25ppm/°C
C2
±50ppm/°C
Version 2010
PR Anti-Corrosive Chip Resistor
Back to 1st Page - Anti-Corrosive Precision(PR)
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PR03BPC32201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR03 VISHAY-PR03 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
PR03 VISHAY-PR03 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR03 VISHAY-PR03 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
International Rectifier
PR03000201802JAC00 IRF-PR03000201802JAC00 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Alpha Wire
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
More results

Similar Description - PR03BPC32201

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
NIC-Components Corp.
NTRC NIC-NTRC Datasheet
490Kb / 4P
   Anti-Corrosive Thin Film Chip Resistors
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com