Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCB7T456DS Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCB7T456DS
Description  TCB7T Choke Coil Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCB7T456DS Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCB7T456DS Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCB7T456DS Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCB7T456DS Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Configurations & Dimensions
A
B
C
E
D
3
2
1
4
6
5
Type
A(max)
B(max)
C ± 1.0
D ± 0.5
E ± 0.05
TCB7T
7.2
7.1
2.6
4.5
0.5
Note: Design as Customer’s Requested Specifications
Electrical Characteristics
Part Number
Winding Turns Operating Freq. Ranges ( MHz )
Insertion Loss (dB)
Figure
Double balanced mixer
TCB7T - 456DB1013
1
50 ~ 400
10dB(max)
1
TCB7T - 456DB1014
2
10 ~ 1.0 GHz
6dB(max)
1
TCB7T - 456DB1005
3
8 ~ 800
3.5dB(max)
1
TCB7T - 456DB1006
4
6 ~ 600
2.5dB(max)
1
TCB7T - 456DB1007
5
5 ~ 500
2dB(max)
1
TCB7T - 456DB1009
2
400 ~ 1.3 GHz
4dB(max)
1
Distributor
TCB7T - 456DS1012
-
20 ~ 600
In to Out-1,2
4.5dB(max)
Out-1 to Out-2
(Isolation)10dB(min)
2
Directional coupler
TCB7T - 456PS1015
4
6 ~ 600
In to Out-1 1.3dB(max)
In to Out-2 11dB-14dB
3
TCB7T - 456PS1016
5
6 ~ 600
In to Out-1 0.9dB(max)
In to Out-2 13dB-16dB
3
TCB7T - 456PS1011
6
6 ~ 600
In to Out-1 0.8dB(max)
In to Out-2 15dB-17dB
3
Version 2010
TCB7T Choke Coil Inductors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCB7T456DS

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
TCB7 SEI-TCB7 Datasheet
235Kb / 4P
   Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
logo
Toshiba Semiconductor
TCB701FNG TOSHIBA-TCB701FNG Datasheet
620Kb / 10P
   CDMOS Linear Integrated Circuit Silicon Monolithic
TCB702FNG TOSHIBA-TCB702FNG Datasheet
720Kb / 10P
   CDMOS Linear Integrated Circuit Silicon Monolithic
logo
Stackpole Electronics, ...
TCB7CB10L0 SEI-TCB7CB10L0 Datasheet
235Kb / 4P
   Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
TCB7CB5L00 SEI-TCB7CB5L00 Datasheet
235Kb / 4P
   Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
More results

Similar Description - TCB7T456DS

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
   TCRB Coil Choke Inductors Radial
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
   TCRC Choke Coil Inductors Radial
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Token Electronics Indus...
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
   TCRS Choke Coil Inductors Radial
logo
Frontier Electronics.
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Token Electronics Indus...
TCPC0513101J TOKEN-TCPC0513101J Datasheet
311Kb / 2P
   TCPC Through Hole Choke Coil Inductors
logo
Tokyo Coil Engineering ...
BL-F36A TCE-BL-F36A Datasheet
187Kb / 1P
   Choke coil
BL-F9B TCE-BL-F9B Datasheet
182Kb / 1P
   Choke coil
logo
DONG IL TECHNOLOGY LTD.
LB07097 DIT-LB07097 Datasheet
865Kb / 2P
   CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com