Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS10FPDSR010 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TCS10FPDSR010
Description  TCS Current Sense Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS10FPDSR010 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCS10FPDSR010 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS10FPDSR010 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS10FPDSR010 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS10FPDSR010 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS10FPDSR010 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
TCS Current Sense Chip Resistors
Environmental Characteristics
Power Derating Curve
Ambient Temperature (°C)
100
80
60
40
30
20
0
20 40
60 70 80
155
140
120
100
Item
Specification
Test Method
Temperature Coefficient of
Resistance
As Spec
MIL-STD-202F Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
±0.5%
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage 5seconds
Dielectric Withstand Voltage by Type
MIL-STD-202F Method 301
Apply Max Overload Voltage for l minute
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1minute
Thermal Shock
±0.5%
MIL-STD-202F Method 107G
-55°C~150°C, 100cycles
Load Life
±1%
MIL-STD-202F Method 108A
RCWV, 70°C, 1.5 hours on ,
0.5 hours off , Total 1000~1048 hours
Humidity (Steady State)
±0.5%
MIL-STD-202F Method 103B
40°C, 90~95%RH, RCWV 1.5 hours ON,
0.5 hours OFF, total 1000 ~ 1048 hours
Resistance to dry heat
±0.5%
JIS-C-5202-7.2
96hours @ +155°C without load
Low Temperature Operation ±0.5%
JIS-C-5202-7.1
1hour, -65°C followed by 45minutes of RCWV
Bending Strength
As Spec
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10seconds
Solderability
95%min coverage
MIL-STD-202F Method 208H
245°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat ±0.5%
MIL-STD-202F Method 210E
260±5°C, 10±1 second
Note: Storage Temperature: 25±3°C; Humidity: <80%RH
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TCS10FPDSR010

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCS10FPDR1R00N TOKEN-TCS10FPDR1R00N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS10FPDRR010N TOKEN-TCS10FPDRR010N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS10FPDRR100N TOKEN-TCS10FPDRR100N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
More results

Similar Description - TCS10FPDSR010

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
   Miniature Current Sense Surface Mount Chip Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com