Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREM322522N1R0J Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TREM322522N1R0J
Description  TREM RF Chip Wire Wound Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TREM322522N1R0J Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TREM322522N1R0J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TREM322522N1R0J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TREM322522N1R0J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TREM322522N1R0J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TREM322522N1R0J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TREM322522N1R0J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TREM RF Chip Wire Wound Inductors
TREM322522N, TREM453232N - Climatic Test
Part Number: TREM322522N
TREM453232N
Inductance:
Tolerance
Code
Inductance
R10
0.10μH
1R0
1.00μH
100
10.00×100μH
101
10.00×101μH
102
10.00×102μH
103
10.00×103μH
Back to 1st Page - RF Chip Wire Wound Inductors (TREM)
How to Order
1R0
M
TREM322522N
Code
Tolerance
J
5%
K
10%
M
20%
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(JIS C 5321)
LOW TEMP. Characteristics
No evidence of damage,
ΔL/Lwithin±5%,
Q/Q within ±30%
Immerse in the solder (H63A)of 260±5°C
for 10±1sec, leave for 2hrs at normal TEMP.
TEMP. Cycling
No evidence of damage,
ΔL/Lwithin±5
Keep for 30 min. at TEMP.of -25°C~+85°
Cat 5 cycle case of TEMP. change from low to
high and V.V.
Temperature Characteristics
ΔL/Lwithin±3%
ΔL/Ltobemeasuredatthetemperature
of between -25°C and +85°C
Moiisture load Characteristics
No evidence of damage,
ΔL/Lwithin±5%,
Q/Q within ±30
TEMP.40±2°C,Humidity 90~95% 96± 2hrs,
measurements shall be performed after 1~2hrs
at normal TEMP..
High TEMP. overload
Characteristics
Noevidenceofdamage,ΔL/L
within ±5%,Q/Q within ±30
Leave for 96±2hrs in a bath of
TEMP.85±2°C,measurements shall be per-
formed after 1~2hrs at normal TEMP.
06 of 06
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TREM322522N1R0J

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRE06 CINCON-TRE06 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050 CINCON-TRE06S050 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA01 CINCON-TRE06S050-AXXA01 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA02 CINCON-TRE06S050-AXXA02 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA03 CINCON-TRE06S050-AXXA03 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
More results

Similar Description - TREM322522N1R0J

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CM561JTT PULSE-PE-0805CM561JTT Datasheet
666Kb / 30P
   WIRE-WOUND RF CHIP INDUCTORS
logo
Token Electronics Indus...
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com