Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMA100505 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TRMA100505
Description  TRMA High Current Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMA100505 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button TRMA100505 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TRMA100505 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
09 of 10
Version 2010
TRMA High Current Inductors
Item
Specification
Test Methods
Flexure Strength
The forces applied on
the right conditions must
not damage the terminal
electrode and the ferrite
Test device shall be soldered on the substrate Substrate
Dimension:100×40×1.6mm
Deflection: 2.0mm
Keeping Time: 30sec
For 0402, substrate dimension
is 100×40×0.8mm
Vibration
Test device shall be soldered on the substrate
Oscillation Frequency : 10 to 55 to 10Hz for 1min Amplitude :
1.5mm
Time : 2hrs for each axis (X,Y&Z), total 6hrs
Resistance to
Soldering
Heat
Appearance: No damage
More than 75% of the
terminal electrode should be
covered with solder.
Impedance: within± 30%
of initial value
Pre-heating: 150°C, 1min
Solder Temperature: 260 ± 5°C
Immersion Time: 10 ± 1sec
Solderability
The electrodes shall be
at least 90% covered
with new solder coating
Pre-heating: 150°C, 1min
Solder Temperature: 245 ± 5°C
Immersion Time: 4 ± 1sec
Terminal
Strength
Test
0402 series : ≥0.2kg
0603 series : ≥0.5kg
0805 series : ≥1.0kg
other series : ≥ 2.0kg
Test device
shall be soldered
on the substrate
Temperature
Cycle
Appearance: No damage
Impedance: within ± 30%
of initial value
One cycle:
One cycle/step1: -55 ± 3°C for 30mi
step2: 25 ± 2°C for 3.0min
step3:125 ± 3°C for 30min
step4:25 ± 2°C for 3.0min
Total: 100cycles
Measured after exposure in the room condition for 24hrs
Humidity
Resistance
Temperature: 40 ± 2°C
Relative Humidity: 90 ~ 95% time: 1000hrs
Measured after exposure in the room condition for 24hrs
High
Temperature
Resistance
Temperature: 125 ± 3°C
Relative Humidity : 0%
Applied Current: Rated Current time: 1000hrs
Measured after exposure in the room condition for 24hrs
Low
Temperature
Resistance
Temperature: -55 ± 3°C
TR elative Humidity : 0% time: 1000hrs
Measured after exposure in the room condition for 24hrs
45
45
20
2
1.6
W
Environmental Characteristics
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMA100505

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMA100505

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
logo
Nuvotem Talema
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
   High Current Inductors
logo
Central Technologies
CTHRF CT-CTHRF Datasheet
162Kb / 1P
   High Current Inductors
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
   High Current Inductors
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Bourns Electronic Solut...
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Rohm
2204-V ROHM-2204-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2101-RC BOURNS-2101-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com