Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4308I-712J Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TC4308I-712J
Description  Chip RFID Transponder Coils
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TC4308I-712J Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TC4308I-712J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TC4308I-712J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TC4308I-712J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TC4308I-712J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
RFID
Transponder Coils
TR4308I Chip RFID Transponder Coils
Transponder Coils (TR4308I) is The Key of
Radio Frequency Identification (RFID) System
Preview
Token TR4308I transponder coil series is specified for RFID applications for the best performing designed at
125 kHz. The TR4308I covers a wide range of electrical performances and offers better sensitivity, greater read
distance and higher SRF than other coils its size.
The TR4308I’s length and cross section area are optimized for best sensitivity in the coil axis. The coil is wound
on a plastic base, providing great durability and allowing this part to withstand harsh mechanical shock. With
operating temperature range to 125°C, these coils are ideal for a wide range of applications.
Radio Frequency Identification (RFID) is the system of using radio signals to send information identifying a
particular situation or item. Token TR4308I is suited for wireless data transmission in low frequency RFID
products, such as immobilizers, TPMS, keyless entry. Other industrial applications include access control and
tracking devices.
In addition to our standard models, Token can design transponder coils to operate at other frequencies.
Customized inductance values are available on request.
Features :
- High Q value.
- Low profile with an extended length.
Applications :
- Car remote control key.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TC4308I-712J

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
   LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Productwell Precision E...
TC4322D-251M PRODUCTWELL-TC4322D-251M Datasheet
129Kb / 4P
   TOROID INDUCTORS
logo
TAI-SAW TECHNOLOGY CO.,...
TC432ED-A TAI-SAW-TC432ED-A Datasheet
239Kb / 4P
   SAW Resonator 432.9 MHz
logo
SHENZHEN FUMAN ELECTRON...
TC4331B FUMAN-TC4331B Datasheet
1Mb / 6P
   4-bit inverted/positive timer IC
TC4331C FUMAN-TC4331C Datasheet
1Mb / 6P
   4-bit inverted/positive timer IC
More results

Similar Description - TC4308I-712J

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
   RFID Transponder Coils - 5315TC
4312RV-905XGLB COILCRAFT-4312RV-905XGLB Datasheet
122Kb / 2P
   RFID Transponder Coils - 4312RV
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
   Z-Axis RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
   Surface Mount RFID Transponder Coils
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com