Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCN0610S100JP Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # RCN0610S100JP
Description  FCR, RCA, RCN Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCN0610S100JP Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  RCN0610S100JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCN0610S100JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCN0610S100JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCN0610S100JP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCN0610S100JP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RCN0610S100JP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
How to Order
03
100
J
FCR
TR
06 of 06
Code
Size (mm)
03
1.60×0.80
05
2.00×1.25
06
3.10×1.55
Part Number: FCR
Size
Nominal Resistance
Code
Nominal Resistance
SMD
Elements
3-Digit
E24 Series
EX 10Ω=100
47Ω=470
4-Digit
E96 Series
EX 10.2Ω=10R2
10KΩ=1002
Jumper
000
Code
Package
TR
Taping Reel
P
Bulk
Resistance Tolerance
Package
Code
Resistance Tolerance
F
±1%
J
±5%
How to Order
03
4
D
RCA
101
J
TR
Part Number: RCA
Size: 03 (3.20×1.60mm)
Nominal Resistance
Code
Nominal Resistance
SMD
Elements
3-Digit
E24 Series
EX 10Ω=100
47Ω=470
4-Digit
E96 Series
EX 10.2Ω=10R2
10KΩ=1002
Jumper
000
Code
Package
TR
Taping Reel
P
Bulk
Resistance Tolerance
Package
Code
Resistance Tolerance
F
±1%
G
±2%
J
±5%
Number of circuits: 4 (4 circuits)
Electrode Structure: D (protruding electrode)
Version 2010
FCR, RCA, RCN Chip Resistors
Back to 1st Page - Surface Mount Resistors FCR, RCA, RCN
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RCN0610S100JP

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN0610S100JP

ManufacturerPart #DatasheetDescription
logo
RFE international
RCNR34-04DR-1K0-J RFE-RCNR34-04DR-1K0-J Datasheet
89Kb / 1P
   SURFACE MOUNT RCN Series: Networks & Arrays RESISTORS
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com