Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS10JTREW1R00 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # CS10JTREW1R00
Description  CS Current Detecting Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS10JTREW1R00 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  CS10JTREW1R00 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS10JTREW1R00 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Environmental Characteristics
05 of 08
Item
Specification
Test Method
Temperature Coefficient of
Resistance
As Spec
MIL-STD-202F Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
±(0.5% + 0.05Ω)
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage 5seconds
ΔR±1% for high power rating
Dielectric Withstand Voltage by Type
MIL-STD-202F Method 301
Apply Max Overload Voltage for l minute
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1minute
Thermal Shock
±(0.5% + 0.05Ω)
MIL-STD-202F Method 107G
-55°C~150°C, 100cycles
Load Life
±(1% + 0.05Ω)
MIL-STD-202F Method 108A
RCWV, 70°C, 1.5 hours on ,
0.5 hours off , 1000~1048 hours
humidity (Steady State)
±(0.5% + 0.05Ω)
MIL-STD-202F Method 103B
40°C, 90~95%RH, RCWV 1.5 hours ON,
0.5 hours OFF, total 1000 ~ 1048 hours
Resistance to dry heat
±(0.5% + 0.05Ω)
JIS-C-5202-7.2
96hours @ +155°C without load
Low Temperature Operation ±(0.5% + 0.05Ω)
JIS-C-5202-7.1
1hour, -65°C followed by 45minutes of RCWV
Bending Strength
As Spec
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10seconds
Solderability
95%min coverage
MIL-STD-202F Method 208H
260°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat ±(0.5% + 0.05Ω)
MIL-STD-202F Method 210E
260±5°C, 10±1 second
Note: Storage Temperature: 25±3°C; Humidity: <80%RH
Marking
Value
1R0
1.000Ω
R10
0.100Ω
R01
0.010Ω
101
0.101Ω
035
0.035Ω
(CS) Marking for 0603
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - CS10JTREW1R00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
CS10 ETC-CS10 Datasheet
1Mb / 3P
   CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
   AT-CUT CRYSTAL UNIT
logo
List of Unclassifed Man...
CS10-02GO2 ETC1-CS10-02GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
More results

Similar Description - CS10JTREW1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
BPR KOA-BPR Datasheet
378Kb / 2P
   Power type current detecting resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
   Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com