Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI80-2 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  RI80 Metal Glaze Impulse Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
General Specifications (Unit: mm)
Dmax
Lmax
C 型
Lmax
A 型
I
I
Dmax
Dmax
Lmax
B 型
Part
Number
Rated
Wattage Style
Dimensions
Resistance
Range
(M Ω)
Temp
Coefficient
(10-6/°C)
Max
Working
Voltage
(kv)
Operating
Temp
Resis-
tance
tolerance
L
max
D
max
I
D
RI80-1
1
a
30±2 9±1 30±3 0.7 10-1000
≤200
10
-55°C
~
+70°C
G( ±2%)
J(±5%)
K(±10%)
RI80-2
2
a
50±2 9±1 30±3 0.7 10-1000
≤200
15
RI80-3
3
a
65±2 9±1 30±3 0.7 10-1000
≤200
15
RI80-5
5
a
100±2 9±1 30±3 1
10-1000
≤300
25
RI80-10
10
b
147±2 11±1
6
M4 10-1000
≤300
30
RI80-20
20
c
116±2 17±1
10-100
≤400
30
RI80-25
25
c
116±2 19±1
10-100
≤400
30
Version 2010
RI80 Metal Glaze Impulse Resistors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RI80-2

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI80-2 TOKEN-RI80-2 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI80-20 TOKEN-RI80-20 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI80-200 TOKEN-RI80-200 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
RI80-25 TOKEN-RI80-25 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
More results

Similar Description - RI80-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
   Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
logo
IRC - a TT electronics ...
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com