Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP64R881-02 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # BP64R881-02
Description  DF-B Dielectric Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

BP64R881-02 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button BP64R881-02 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. BP64R881-02 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
07 of 19
DF-C/D Dielectric Filters
Preview
Token two block-type dielectric RF filters have been designed for cellular basestation applications that use a
digital pre-distortion amplifier (DPD), as they feature a wide pass band and flat ripple performance, which are
required for DPD PA design.
Applications also include RF and microwave communications such as satellite and TV transmission, wireless
security systems, radar, GSM, 3G, GPS, CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz Cordless Phone,
wireless earphone, wireless microphone, aerospace and military.
The (DF-C/D) filter’s small size (4.5 x 4.5 x 2.0 mm) means they require more less mounting space with a ripple
of 1.0 dB max and insertion loss 2.0 (dB) max. Center frequency range from 1575 MHz to 5800 MHz with
V.S.W.R 2.0 max.
The surface mount RF Dielectric Filters (DF-C/D) conform to the RoHS directive and package is suitable for
automatic pick and place equipment which assures mechanical stability and excellent lead coplanarity. Customed
designs and tighter tolerances are available on request. Application of specific designs also available including
different Dielectric values and Q specifications adjusted to frequency requirements.
Dielectric Filters
(DF-C/D)
Token Two Block-Type Dielectric Filters (DF-C/D)
range up to 5.8GHz
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - BP64R881-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
BP6-01 FRONTIER-BP6-01 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
BP6-02 FRONTIER-BP6-02 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
BP6-04 FRONTIER-BP6-04 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
BP6-06 FRONTIER-BP6-06 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BP64R881-02

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
   DF PACKAGE
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
   DF-RELAY
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com