Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSQ100W10RHC Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # DSQ100W10RHC
Description  DQS Power Adjustable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DSQ100W10RHC Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  DSQ100W10RHC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DSQ100W10RHC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DSQ100W10RHC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DSQ100W10RHC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Characteristics
Test Item
Test Methods
Characteristics
Resistance tolerance
JIS-C-5202 5-1
Resistance Nominal
Tolerance
1≤R
1>R
±5%(J) ±10%(K)
Temperature coefficient JIS-C-5202 5-2
±400PPM/°C MAX
Load rating
JIS-C-5202 5-4
ΔR/R≤ ±(0.5%+0.1Ω)
Surface temperature up 350°C MAX
Short-term overload
JIS-C-5202 5-5
500% rated wattage 5 seconds
Free of appearance or structural irregularity
ΔR/R≤ ±(2%+0.1Ω)
Insulation resistance
JIS-C-5202 5-6 500VDC
100MΩ min
Dielectric withstanding
voltage
JIS-C-5202 5-7
1000VDC 1 minute Between
terminal and anchor stand
Free of appearance or structural irregularity
ΔR/R≤ ±(0.1%+0.05Ω)
Terminal strength
JIS-C-5202 6-1 8kg 30 seconds
Free of appearance or structural irregularity
Vibration
JIS-C-5202 6-3;
1.5m/m 10 ~ 50 ~ 10 Hz/min X-Y-Z
2 hours each
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(1%+0.05Ω)
Thermal shock
JIS-C-5202 7-3
Room temp 30 minutes ON-55°C
15 minutes OFF
Free of structural irregularity
ΔR/R≤ ±(1%+0.05Ω)
Humidity
JIS-C-5202 7-5
40°C 90%RH 240 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(3%+0.1Ω)
Load life
JIS-C-5202 7-10
90 minutes ON - 30 minutes OFF
500 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(5%+0.1Ω)
Flame retardation
JIS-C-5202 7-13-3-2
100% - 600% rated wattage load
US UL-94 flame retardation test V-0 grade
noncombustible
REMARKS:
1. Resistance and resistance tolerance were tested in-house with micro resistance meter.
2. Coating refers to UL-certified data provided by supplier
Application Notes
Determination of End Resistance Value of FVR, DQS, DSRA, DSRB, BSR, BSQ:
● Resistance Range means you can choose one maximum resistance value (End resistance value)
at one of FVR, DQS, DSRA, DSRB, BSR, BSQ VR (Variable Resistor) type.
● After End Resistance Value confirmed, the minimum resistance (start resistance value) will be
determined by depending on resistance of wire and wirewound type.
Power Rating of Variable Resistor:
The part Nunber formation of FVR, DQS, DSRA, DSRB, BSR, BSQ:
Product type
Rated Wattage
Resistance Value (Ω)
Resistance Tolerance
-
-
-
Version 2010
DQS Power Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DSQ100W10RHC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DSQ MURATA-PS-DSQ Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
DSQ0150V2 MURATA-PS-DSQ0150V2 Datasheet
4Mb / 25P
   600W Quarter Brick DOSA Digital PMBus Interface
2022
logo
List of Unclassifed Man...
DSQQNR-256G-GN6IA ETC1-DSQQNR-256G-GN6IA Datasheet
864Kb / 3P
   Ideal for dash cams and home monitoring systems
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
DSQUA3 LITTELFUSE-DSQUA3 Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
More results

Similar Description - DSQ100W10RHC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DRSA600W250RJG TOKEN-DRSA600W250RJG Datasheet
395Kb / 5P
   DRS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Elite Semiconductor Mem...
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com