Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BWW1WOR1BDP Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # BWW1WOR1BDP
Description  BWW Precision Wirewound Resistors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

BWW1WOR1BDP Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button BWW1WOR1BDP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. BWW1WOR1BDP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Preview
The new BWW series moulded axial leaded wirewound resistors from Token use high-purity alumina ceramic
cores with wire winding which are spot welded by precision CNC machine tools to ensure total operational
consistency throughout.
Also, using advanced encapsulation die/mould technologies, this precision power resistors are encapsulated with
epoxy molding compound.
The BWW models possess a wide resistance value from 0.1Ω to 39KΩ and meets the stringent requirements of
MIL-R-93. Ayrton Perry noninductive windings are available on request. The BWW precision version has low
ohmic values for current sensing applications.
All versions are miniaturised for better power to dimension ratios and are available in 0.5W to 10W rated power
at 25°C. Tolerance is available in ±0.1%, ±0.25%, ±0.5%, ±1% and ±2% with TCR ±25PPM/°C, ±50PPM/°C
and ±150PPM/°C which makes them ideally suited for use in precision applications.
The BWW series is RoHS compliant with 100% Sn (lead free) coated terminals. To address your need for
technical and economic success in a timely manner, our custom solutions are the best option. Contact us with
your specific needs.
BWW Precision Wirewound Resistors
Features
- Axial Moulded
- Excellent load life stability
- Insulation, Moisture Proof
- High Precision and reliability
- Meets the Standards of MIL-R-93
- RoHS compliant with 100% lead free
(BWW) Precision Wirewound Power Resistors
Operate in Harsh Environments
Precision Moulded
Wirewound Resistors
Applications
- Electrical loads, Filament dropping
- DC/DC converters, AC/DC inverters
- High-voltage bleeders, Dynamic braking
- Capacitor charging/discharging regulation
- Motor speed controls, Voltage divider networks
- Bias supply, Current shunts, Voltage dropping, Crow-bar circuits
TOKEN
07 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Description - BWW1WOR1BDP

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM15-250RB RIEDON-SM15-250RB Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM10-500RX RIEDON-SM10-500RX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
logo
Vishay Siliconix
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Oct-11
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
   ULTRA PRECISION WIREWOUND RESISTORS
logo
Vishay Siliconix
PAC VISHAY-PAC Datasheet
123Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Nov-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com