Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMCD-50 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMCD-50
Description  RMCD Non-Inductance Tubular
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCD-50 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMCD-50 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCD-50 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
General Specifications (Unit: mm)
Electrical Characterisics
How to Order
100W
100R
K
RMCD
S
Part Number: RMCD
Rated Power (W): 35W, 502W, 70W, 90W, 100W
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value (Ω)
82R
82Ω
100R
100Ω
470R
470Ω
820R
820Ω
1K
1KΩ
Silver plate
L
Type
Dimensions (mm)
Resistance
(Ω)
Tolerance
(%)
Energy
(KJ)
Peak Voltage
(KV)
Power
(W)
L±3.0
ΦD±2.0
Φd±2.0
RMCD-100
305
25.4
15.5
75 ~ 1K
±10
30
75
100
RMCD-90
250
25.4
15.5
25
60
90
RMCD-70
200
25.4
15.5
20
45
70
RMCD-50
150
25.4
15.5
15
30
50
RMCD-35
100
25.4
15.5
10
15
35
Type
Power Rating
Temperature
Coefficient
Resistivity
Specific Heat
Inductance
Density
Max. Operating
Temperature
RMCD
35 ~ 100W
-500 ~ -1500PPM/°C 5 ~ 80Ω·cm
2J/cm3·°C
0.4µH max 2.25g/cm3
220°C max
B
Silver plate terminal
Color: B (black)
Code
Resistance Tolerance
K
±10%
Code
Color
B
black
Version 2010
RMCD Non-Inductance Tubular
Back to 1st Page - High Voltage Resistors (RMCD)
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMCD-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RMCD MACOM-RMCD Datasheet
175Kb / 3P
   Power Relay
logo
Token Electronics Indus...
RMCD TOKEN-RMCD Datasheet
347Kb / 5P
   High Voltage Bulk Ceramic Resistors
RMCD100W100RKSB TOKEN-RMCD100W100RKSB Datasheet
347Kb / 5P
   High Voltage Bulk Ceramic Resistors
RMCD100W1KKSB TOKEN-RMCD100W1KKSB Datasheet
347Kb / 5P
   High Voltage Bulk Ceramic Resistors
RMCD100W470RKSB TOKEN-RMCD100W470RKSB Datasheet
347Kb / 5P
   High Voltage Bulk Ceramic Resistors
More results

Similar Description - RMCD-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
logo
Vishay Siliconix
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Shenzhen Huazhimei Semi...
HM2786 HMSEMI-HM2786 Datasheet
365Kb / 8P
   non-inductance AC input linear regulator
HM2786A HMSEMI-HM2786A Datasheet
393Kb / 8P
   non-inductance AC input linear regulator
logo
MTRONPTI
BE MTRONPTI-BE Datasheet
244Kb / 2P
   Tubular Bandpass Filter
logo
Glenair, Inc.
102-061-004C GLENAIR-102-061-004C_03 Datasheet
81Kb / 1P
   Teflon Tubular Braid
logo
MTRONPTI
BBA MTRONPTI-BBA Datasheet
287Kb / 2P
   Tubular Bandpass Filter
logo
Glenair, Inc.
103-013-004 GLENAIR-103-013-004 Datasheet
35Kb / 1P
   Nomex Tubular Braid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com