Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT455GUP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LT455GUP
Description  LT 455/450 U/W Ceramic Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT455GUP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LT455GUP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT455GUP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT455GUP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LT 455/450 U/W Ceramic Filters
Dimensions
Technical Characteristics
Input
L455EU
L455EW
7.0
8.0
2.7
0.8
Ground
Output
7.0
11.0
②③④ Ground
Input
Output
④ ③ ② ①
0.8
2.9 2.9 2.6
Frequency (KHz)
0
10
20
30
40
50
60
410
0
10
20
30
40
50
60
430
450 460
480
500
410
430
450 460
480
500
Frequency (KHz)
LT455BW
LT455EW
LT455HW
LT455BU
LT455EU
LT455HU
Part
Number
Center
Frequency
(kHz)
Insertion
Loss
(dB)
max
Pass
Band
Ripple
(dB)
max
6dB
Band
Width
(kHz)
min
40dB
Band
Width
(kHz)
max
(LT455U)
50dB
Band
Width
(kHz)
max
(LT455W)
Spurious
Attenuation
fo±100kHz
(dB) min
Input
/
Output
Impedance
(Ω)
(LT
455 U)
(LT
455 W)
LT455AU
LT455AW
455±2.0
4
2
±17.5
±40
±35
28
40
1000
LT455BU
LT455BW
455±2.0
4
2
±15
±30
±30
28
40
1500
LT455CU
LT455CW
455±2.0
4
2
±12.5
±24
±24
28
40
1500
LT455DU
LT455DW
455±1.5
4
2
±10
±20
±20
28
40
1500
LT455EU
LT455EW
455±1.5
6
2
±7.5
±15
±15
28
40
1500
LT455FU
LT455FW
455±1.5
6
2
±6
±12.5
±12.5
28
40
2000
LT455GU
LT455GW
455±1.5
6
2
±4.5
±10
±10
28
40
2000
LT455HU
LT455HW
455±1.0
6
2
±3
±9
±9
28
40
2000
LT455IU
LT455IW
455±1.0
6
2
±2
±7.5
±7.5
28
40
2000
LT455HTU LT455HTW 455±1.0
6
2
±3
±9
±9
35
60
2000
Note: Center frequency 450kHz is also available.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT455GUP

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455GU AURIS-LT455GU Datasheet
130Kb / 1P
   Filter THT
logo
Shoulder Electronics Li...
LT455GU SHOULDER-LT455GU Datasheet
91Kb / 2P
   CERAMIC FILTER
logo
auris-GmbH
LT455GU AURIS-LT455GU Datasheet
196Kb / 1P
   Filter THT, Ceramic
LT455GU AURIS-LT455GU Datasheet
240Kb / 1P
   Filter SMD, Ceramic
logo
Fronter Electronics Co....
LT455GU FRONTER-LT455GU Datasheet
186Kb / 1P
   21 PIN Version 8.0x7.0x8.0 mm
More results

Similar Description - LT455GUP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTM455 TOKEN-LTM455 Datasheet
342Kb / 3P
   LTM 455/450 Ceramic Filters
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
logo
Oscilent Corporation
748-455-BW OSCILENT-748-455-BW Datasheet
129Kb / 2P
   SMD Ceramic Filter 455 KHz
logo
Bel Fuse Inc.
ABC450 BEL-ABC450_V01 Datasheet
1Mb / 10P
   450 W (with airflow), 300 W (without airflow)
logo
Oscilent Corporation
746-455-BU OSCILENT-746-455-BU Datasheet
129Kb / 2P
   SMD Ceramic Filter 455 KHz
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
   CERAMIC FILTERS
logo
List of Unclassifed Man...
CFU455B2 ETC-CFU455B2 Datasheet
57Kb / 2P
   CERAMIC FILTERS
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com