Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC12JTRE0M75 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # LRC12JTRE0M75
Description  Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC12JTRE0M75 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button LRC12JTRE0M75 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LRC12JTRE0M75 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Terminology & Glossary
Flip Chip Resistor
An unencapsulated resistor chip on which bead-type leads terminate on one face to permit “flip” (face
down) mounting of the resistor chip by contact of the leads with interconnective circuitry.
Hot-Spot Temperature
The maximum temperature measured on the resistor due to both internal heating and the ambient operating
temperature.
Low Profile
Components designed with “lower than standard heights”, to save space and allow clearance when mount-
ed on PCBs.
Maximum Working Voltage
The maximum specified voltage that may be applied across a resistor.
PPM
Parts per million. The terminology used when describing the temperature coefficient.
Screen
The process of printing a network pattern of thick-film ink or paste onto a substrate by means of a squee-
gee applied to a photo-etched wire-mesh “silk screen” or metal mask.
Current Shunt Resistors
Current shunt resistors are low resistance precision resistors used to measure AC or DC electrical currents
by the voltage drop those currents create across the resistance. Sometimes called an ammeter shunt, it is a
type of current sensor.
SMT/SMD
Surface-mount technology/surface-mount device.
Zero Ohm Resistors
Products that look like resistors, but actually have no resistance (very very low resistance) and instead
perform as jumpers.
07 of 56
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - LRC12JTRE0M75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC12JTREA0M50G TOKEN-LRC12JTREA0M50G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC12JTREA0M75G TOKEN-LRC12JTREA0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC12JTREA1M50G TOKEN-LRC12JTREA1M50G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC12JTREAR002G TOKEN-LRC12JTREAR002G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
LRC12JTREAR011G TOKEN-LRC12JTREAR011G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC12JTRE0M75

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com