Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCN06-10R100JTR Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RCN06-10R100JTR
Description  FCR, RCA, RCN Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCN06-10R100JTR Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RCN06-10R100JTR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCN06-10R100JTR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCN06-10R100JTR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCN06-10R100JTR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCN06-10R100JTR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RCN06-10R100JTR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
01 of 06
Version 2010
FCR, RCA, RCN Chip Resistors
Preview
Token has introduced precision surface-mount resistor networks,
chip array, and flip-chips. Those no-lead packages are optimized
to meet new automotive industry requirements for temperature
and humidity, while offering high repeatability and stable
performance for industrial, telecommunication, and consumer
electronics.
Suitable for processing on automatic SMD assembly systems,
those new devices are RoHS-compliant and compatible with
lead (Pb)-free and tin/lead (Sn/Pb) reflow and vapor-phase soldering processes.
Flip Chip Resistor FCR Series:
● The resistor flip chip configurations (FCR Series) are available in industry standard EIA0603,
EIA0805,and EIA1206.
● Power Rating 1/10W, 1/8W, and 1/4W are available in max. voltage
100V, 300V, and 300V respectively.
● Resistance tolerance is tight to F(± 1%), J(± 5%) with resistance range
1Ω to 10MΩ.
Resistor Chip Array RCA Series:
● Its small 1.6mm by 3.2mm package enables the design of high-density circuits.
● The resistor chip array (RCA Series) offers a low cost when compared to using four high-precision
resistors.
● The devices feature precision ratio tolerances to F(± 1%), G(± 2%), and J(± 5%) are available with
resistance range 10Ω to 1MΩ.
Resistor Networks RCN Series:
● The (RCN) resistor networks offer a resistance range from 10Ω to 1MΩ at operating temperature range
-55°C~+125°C.
● All devices offer power ratings of 1/16W at +70°C per resistor, custom configurations of the devices are
available.
Full line products meet RoHS compliant. Detailed specifications, both mechanical and electrical, please contact
our sales representative for more information.
Token has introduced precision surface-mount
resistor networks, chip array, and flip-chips.
Surface Mount
Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RCN06-10R100JTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN06-10R100JTR

ManufacturerPart #DatasheetDescription
logo
RFE international
RCNR34-04DR-1K0-J RFE-RCNR34-04DR-1K0-J Datasheet
89Kb / 1P
   SURFACE MOUNT RCN Series: Networks & Arrays RESISTORS
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com