Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRD7R05DP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LRD7R05DP
Description  LRD Open Air Four-terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRD7R05DP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LRD7R05DP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRD7R05DP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRD7R05DP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Specification & Dimensions (Unit: mm)
LRD Open Air Four-terminal Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
L
W
P
d
H
LSQ-A
Type
Rating Wattage
Resistance Range (mΩ)
Tolerance (%)
TCR (ppm/°C)
LRD-1
1W
1 ~ 10 mΩ
D(±0.5%)
F(±1%)
G(±2%)
J(±5%)s
±50 ppm/°C
±100 ppm/°C
LRD-3
3W
1 ~ 10 mΩ
LRD-5
5W
0.5 ~ 5 mΩ
LRD-7
7W
0.3 ~ 3 mΩ
LRD-10
10W
0.1 ~ 1 mΩ
Power Derating Curve
120
100
8 0
6 0
4 0
2 0
0
-55 -25
25
70
125
175
40
Ambient Temperature (℃)
Power Derating Curve


Similar Part No. - LRD7R05DP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LRD730 LITTELFUSE-LRD730 Datasheet
70Kb / 2P
   Max. Device Surface Temperature in Tripped State
More results

Similar Description - LRD7R05DP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
List of Unclassifed Man...
A-H ETC-A-H Datasheet
604Kb / 1P
   FOUR TERMINAL PRECISION RESISTORS
logo
TT Electronics.
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com