Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRSA20W100RKC Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # DRSA20W100RKC
Description  DRS Power Adjustable Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRSA20W100RKC Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  DRSA20W100RKC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRSA20W100RKC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRSA20W100RKC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRSA20W100RKC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRSA20W100RKC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01 of 05
Version 2010
Preview
Choose Token’s Power DRS adjustable resistor for applications requiring settings at different resistance values.
These wirewound resistors are equipped with an adjustable lug, making them ideal for adjusting circuits,
obtaining unique resistance values and setting equipment to meet various line voltages.
DRS resistors feature a hollow core to permit secure fastening with thru bolts with washers or spring-type clips.
They also offer the durability of lead free vitreous enamel, or silicone coating and all-welded construction.
The Power Adjustable DRS Resistor is RoHS compliant and lead free. For non-standard technical requirements
and custom special applications, please contact us.
To Calculate Max. Amperes :
● Voltage = (Watts x Ohms) 1/2
Power Rating :
● Adjustability is 10% to 90% of full resistance value.
● Wattage is proportional to this adjusted resistance value.
● Example: If the lug is set at half resistance, the wattage is reduced by approximately one-half.
● Setting the lug at an intermediate point reduces the wattage rating by approximately the same proportion.
● Based on 25°C free air rating. The stated wattage rating applies only when the entire resistance is in
the circuit.
Features :
● Adjustable lug supplied.
● High wattage applications.
● Flame resistant and rugged lead coating.
● Resistance Tolerance: J(±5%), K(±10%).
● Terminals suitable for soldering or bolt
connection.
Options :
● Special temperature coefficients, tolerances
● Adjustable, fixed, or tapped styles are available.
● Non-inductive Ayrton Perry windings can be specified.
● Special terminals available for non-standard applications.
● Single and double quick connect terminals can be specified.
● Standard lug terminals available with or without terminal hardware.
DRS Power Adjustable Resistors
Adjustable Resistor for Applications Requiring
Settings at Different Resistance Values
Power Round-Wire
Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRSA20W100RKC

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
DRSARCA203015 FIBOX-DRSARCA203015 Datasheet
51Kb / 2P
   DIN rail frame set
11.01.2023
DRSARCA302015 FIBOX-DRSARCA302015 Datasheet
54Kb / 2P
   DIN rail frame set
11.01.2023
DRSARCA304015 FIBOX-DRSARCA304015 Datasheet
50Kb / 2P
   DIN rail frame set
11.01.2023
DRSARCA304021 FIBOX-DRSARCA304021 Datasheet
50Kb / 2P
   DIN rail frame set
11.01.2023
DRSARCA403015 FIBOX-DRSARCA403015 Datasheet
55Kb / 2P
   DIN rail frame set
11.01.2023
More results

Similar Description - DRSA20W100RKC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DQS1500W10RKG TOKEN-DQS1500W10RKG Datasheet
348Kb / 4P
   DQS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
List of Unclassifed Man...
MC14643 ETC2-MC14643 Datasheet
205Kb / 1P
   RoHS Compliant Wirewound Resistors, Adjustable, Vitresous
logo
Vishay Siliconix
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com