Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC455EW Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LTC455EW
Description  Chip Ceramic Filters for Communication
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTC455EW Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LTC455EW Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTC455EW Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTC455EW Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LTC 455/450 Chip Ceramic Filters
Dimensions
Technical Characteristics
7.5Max
6.5
Input
Output
Ground
6.0
455EU
4.0 Max
4.0
6.5
11.5
5.5
7.5 Max
3.0 Max
Input
Output
③④
Ground
455EW
Frequency (KHz)
0
10
20
30
40
50
60
410
0
10
20
30
40
50
60
430
450 460
480
500
410
430
450 460
480
500
Frequency (KHz)
LTC455B
LTC455E
LTC455H
LTC455B
LTC455E
LTC455H
Part
Number
Center
Frequency
(fo)(kHz)
Insertion
Loss
(dB)
max
Pass
Band
Ripple
(dB)
max
6dB
Band
Width
(kHz)
min
40dB
Band
Width
(kHz)
min
LTC455U
50dB
Band
Width
(kHz)
min
LTC455W
Spurious
Attenuation
fo±100kHz
(dB) min
Input
/
Output
Impedance
(Ω)
LTC
455U
LTC
455W
LTC
455U
LTC
455W
LTC
455BU
LTC
455BW
455±1.5
4
4
2
±15.0
±30
±30
27
50
1000
LTC
455CU
LTC
455CW
455±1.5
4
4
2
±12.5
±25
±25
27
50
1000
LTC
455DU
LTC
455DW
455±1.5
4
4
2
±10.0
±20
±20
27
50
1500
LTC
455EU
LTC
455EW
455±1.5
6
4
2
±7.5
±15
±15
27
50
1500
LTC
455FU
LTC
455FW
455±1.5
6
6
2
±6.0
±12
±12
27
47
1500
LTC
455GU
LTC
455GW
455±1.5
6
6
2
±4.5
±10
±10
25
47
1500
LTC
455HU
LTC
455HW
455±1.5
6
6
2
±3.0
±9.0
±9.0
25
47
1500
LTC
455IU
LTC
455IW
455±1.5
6
6
2
±2.0
±7.5
±7.5
25
47
1500
Note: Center frequency 450KHz is also available.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LTC455EW

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
LTC455EW TRANSKO-LTC455EW Datasheet
177Kb / 2P
   CERAMIC FILTER
Rev. 7: Oct 31, 2018
More results

Similar Description - LTC455EW

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTB450AL2P TOKEN-LTB450AL2P Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
logo
Shenzhen Luguang Electr...
LTCA107MA5 LUGUANG-LTCA107MA5 Datasheet
198Kb / 5P
   filters of 2 ceramic elements for communication
LTCA107MS2 LUGUANG-LTCA107MS2 Datasheet
218Kb / 5P
   filters of 2 ceramic elements for communication
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
EPCOS
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
EPCOS
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com