Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF850S08B Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # DF850S08B
Description  DF-B Dielectric Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF850S08B Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button DF850S08B Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF850S08B Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 of 19
DF 3 or Multi-Pole Dielectric Filters
Dimensions (Unit: mm)
Typical Specifications
DF815R
W = 8.6
H = 3.0
4.5
5.8
Unit: mm Tol: ±0.2
Part No.
Center
Frequency
fo(MHz)
Band Width
(MHz)
Insertion
Loss
(dB) max.
Ripple
in Band Width
(dB)max.
V.S.W.R
max.
Attenuation
(dB) min.(MHz)
DF43R860S20A
860
fo±10
3.0
0.8
2.0
-25 at fo+30
-22 at fo-30
DF43R1855S10A
1855
fo±5
3.5
1.0
2.0
-30 at fo+100
-28 at fo-100
DF43R950S20A
950
fo±10
3.5
0.8
2.0
-40 at fo+30
-35 at fo-30
DF44R3120S60A
3120
fo±30
3.0
1.0
1.5
-58 at fo+355
-55 at fo-375
DF45R1120S40A
1120
fo±20
2.5
1.0
2.0
-50 at fo+50
-50 at fo-50
DF33R815S20B
815
fo±10
2.5
0.8
2.0
-18 at fo+40
-25 at fo-40
DF33R1880S50B
1880
fo±25
3.5
1.0
2.0
-40 at fo+150
-40 at fo-150
DF23R1480S40C
1480
fo±20
2.5
1.0
2.0
-20 at fo+150
-20 at fo-150
DF23R1960S60C
1960
fo±30
2.0
1.0
2.0
-20 at fo+200
-20 at fo-200
DF23R2480S30C
2480
fo±15
2.5
1.0
2.0
-20 at fo+250
-20 at fo-250
DF23R5800S200D
5800
fo±100
2.0
1.0
2.0
-5 at fo+400
-15 at fo-400
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DF850S08B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF80R07W1H5FP_B11 INFINEON-DF80R07W1H5FP_B11 Datasheet
687Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2018-10-05
DF80R12W2H3F-B11 INFINEON-DF80R12W2H3F-B11 Datasheet
724Kb / 11P
   Al2O3 Substrate with Low Thermal Resistance
2013-11-11 revision:2.0
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
Schneider Electric
DF81N SCHNEIDER-DF81N Datasheet
100Kb / 3P
   Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
DF81N SCHNEIDER-DF81N Datasheet
113Kb / 3P
   Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
More results

Similar Description - DF850S08B

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
   DF PACKAGE
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
   DF-RELAY
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com