Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT455JR Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LT455JR
Description  MLT Miniature Ceramic Filter for AM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT455JR Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LT455JR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT455JR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 2010
MLT Miniature Ceramic Filter for AM
Dimensions
Technical Characteristics
Back to 1st Page - Ceramic Filter Miniature for AM - LT 455JR
Recommended IFT (7mm Square)
7.0
LT465A
2.5
② Ground
2.5
③ Output
① Input
3.6
IFT+LT455JR
Frequency (MHz)
0
10
20
40
435
445
455
465
475
Part
Number
3dB Band Width
(kHz)
Selectivity ±9kHz off
(dB)
Insertion Loss
(dB)
Composition
LT 455JR
5.5±1.5
≥17
≤6
2 elements
Note: Center Frequency (fo) is available in a range of 450 ~ 470kHz.
The nominal frequency tolerance is ± 2kHz.
Item
7×7mm
5×5mm
Winding Specification
Form bottom
~②
~③
~⑥
~②
~③
~⑥
85T
67T
23T
84T
98T
33T
unloaded Qu
90
65
Tuning Capacity
180PF
180PF
How to Order
LT 455JR
P
Part Number
TOKEN
http://www.token.com.tw/
rfq token.com.tw
02 of 02


Similar Part No. - LT455JR

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
LT455-U VANLONG-LT455-U Datasheet
22Kb / 1P
   Ceramic Filter
LT455-W VANLONG-LT455-W Datasheet
23Kb / 1P
   Ceramic Filter
logo
Token Electronics Indus...
LT455A TOKEN-LT455A Datasheet
341Kb / 3P
   LTA 450kHz~470kHz Ceramic Filters
LT455AP TOKEN-LT455AP Datasheet
341Kb / 3P
   LTA 450kHz~470kHz Ceramic Filters
logo
auris-GmbH
LT455AU AURIS-LT455AU Datasheet
130Kb / 1P
   Filter THT
More results

Similar Description - LT455JR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTP455A TOKEN-LTP455A Datasheet
322Kb / 3P
   LTP Ceramic Filters for AM
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
   LTZ Ceramic Filters for AM
logo
rfsolutions.ltd
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
CFA TOKO-CFA Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
   AM CERAMIC FILTERS
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
   AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
   AM CERAMIC FILTERS
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
   AM CERAMIC FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com