Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40014V8-C Datasheet(PDF) 10 Page - Xicor Inc.

Part # X40014V8-C
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40014V8-C Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X40014V8-C Datasheet HTML 6Page - Xicor Inc. X40014V8-C Datasheet HTML 7Page - Xicor Inc. X40014V8-C Datasheet HTML 8Page - Xicor Inc. X40014V8-C Datasheet HTML 9Page - Xicor Inc. X40014V8-C Datasheet HTML 10Page - Xicor Inc. X40014V8-C Datasheet HTML 11Page - Xicor Inc. X40014V8-C Datasheet HTML 12Page - Xicor Inc. X40014V8-C Datasheet HTML 13Page - Xicor Inc. X40014V8-C Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
10 of 25
REV 1.3.4 7/12/02
www.xicor.com
Read Operation
Prior to issuing the Slave Address Byte with the R/W bit
set to one, the master must first perform a “dummy” write
operation. The master issues the start condition and the
Slave Address Byte, receives an acknowledge, then
issues the Word Address Bytes. After acknowledging
receipts of the Word Address Bytes, the master immedi-
ately issues another start condition and the Slave
Address Byte with the R/W bit set to one. This is followed
by an acknowledge from the device and then by the eight
bit word. The master terminates the read operation by not
responding with an acknowledge and then issuing a stop
condition. See Figure 12 for the address, acknowledge,
and data transfer sequence.
Figure 9. Read Sequence
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
plus the subsequent ACK signal. If a stop is issued in
the middle of a data byte, or before 1 full data byte plus
its associated ACK is sent, then the device will reset
itself without performing the write. The contents of the
array will not be effected.
Acknowledge Polling
The disabling of the inputs during high voltage cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indicate
the end of the master’s byte load operation, the device
initiates the internal high voltage cycle. Acknowledge
polling can be initiated immediately. To do this, the
master issues a start condition followed by the Slave
Address Byte for a write or read operation. If the device
is still busy with the high voltage cycle then no ACK will
be returned. If the device has completed the write oper-
ation, an ACK will be returned and the host can then
proceed with the read or write operation. See Figure
12.
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three
basic read operations: Current Address Reads, Ran-
dom Reads, and Sequential Reads.
Current Address Read
Internally the device contains an address counter that
maintains the address of the last word read incre-
mented by one. Therefore, if the last read was to
address n, the next read operation would access data
from address n+1. On power up, the address of the
address counter is undefined, requiring a read or write
operation for initialization.
Upon receipt of the Slave Address Byte with the R/W
bit set to one, the device issues an acknowledge and
then transmits the eight bits of the Data Byte. The mas-
ter terminates the read operation when it does not
respond with an acknowledge during the ninth clock
and then issues a stop condition. See Figure 13 for the
address, acknowledge, and data transfer sequence.
0
Slave
Address
Byte
Address
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
10 1
0 0
1
1 1 1 1 111 1


Similar Part No. - X40014V8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40014V8-C RENESAS-X40014V8-C Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40014V8-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com