Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2572 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2572
Description  IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2572 Datasheet(HTML) 2 Page - Schurter Inc.

  2572 Datasheet HTML 1Page - Schurter Inc. 2572 Datasheet HTML 2Page - Schurter Inc. 2572 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors (Inlets/Outlets)
2572
www.schurter.com/pg07
Connectors
Config. Code
Product Configurator
2572
|-|H|-|A|B|C|0-|D|-|E|G|F|
The characters are placeholders for the correspondingly keys of selections from the key tables.
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Type
Type
Configuration
key
protection class 2
B
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal L
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
PCB-terminal (standard)
4
PCB-terminal (short)
5
PCB-terminal (long)
6
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal N
Configuration
key
short solder terminal (L=4,8mm)
2
long solder terminal (L=8,5mm)
3
PCB-terminal (standard)
4
PCB-terminal (short)
5
PCB-terminal (long)
6
blade terminal (2,8x0,8mm)
7
blade terminal (4,8x0,8mm)
8
Symbols similar as in table A
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal Ground
Configuration
key
without terminal
0
Symbols similar as in table A
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standard color: black
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Style
Style
Configuration
key
insert type
5
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Dimension X
Dimension "X"
Configuration
key
00
The dimension "X" is dispalyed in (1/10 mm). This information is also valid for the
order code
2572
|-|H|-|A|B|C|0-|D|-|E|G|F| = Orientation of Terminals
Orientation of Terminals
Configuration
key
horizontal
A
vertical
B
Variants
Config. Code
Description
Order Number
2572--2200-A-500A
2572, IEC Appliance Inlet C8, 70°C, version: 2, L: short solder terminal (L=4,8mm), N: short solder terminal (L=4,8mm), ground:
without terminal, color: jet black; RAL9005, design: insert type
6160.0008
2572--5500-A-500A
2572, IEC Appliance Inlet C8, 70°C, version: 2, L: PCB-terminal (short), N: PCB-terminal (short), ground: without terminal, color: jet
black; RAL9005, design: insert type
6160.0009
2572--6600-A-500A
2572, IEC Appliance Inlet C8, 70°C, version: 2, L: PCB-terminal (long), N: PCB-terminal (long), ground: without terminal, color: jet
black; RAL9005, design: insert type
6160.0010
2572--7700-A-500B
2572, IEC Appliance Inlet C8, 70°C, version: 2, L: blade terminal (2,8x0,8mm), N: blade terminal (2,8x0,8mm), ground: without
terminal, color: jet black; RAL9005, design: insert type
6160.0011
2572--8800-A-500B
2572, IEC Appliance Inlet C8, 70°C, version: 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground: without
terminal, color: jet black; RAL9005, design: insert type
6160.0026
The listet variants should be available from stock Other versions on request www.schurter.com/contact
Packaging unit
100 Pcs


Similar Part No. - 2572

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2572 KR-2572 Datasheet
92Kb / 2P
   Bandpass Filter
logo
Schurter Inc.
2572 SCHURTER-2572 Datasheet
388Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
05.01.2022
2572-H-ABC0-D-EGF SCHURTER-2572-H-ABC0-D-EGF Datasheet
377Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
More results

Similar Description - 2572

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2572 SCHURTER-2572_18 Datasheet
377Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572 SCHURTER-2572_V01 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
05.01.2022
2572 SCHURTER-2572_21 Datasheet
390Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2572_1810 SCHURTER-2572_1810 Datasheet
388Kb / 5P
   IEC Appliance Inlet C8, insert Mounting, Solder, PCB or Quick-connect Terminal
2570 SCHURTER-2570 Datasheet
385Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
2570 SCHURTER-2570_V01 Datasheet
399Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
05.01.2022
6170 SCHURTER-6170 Datasheet
365Kb / 3P
   IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal
2578 SCHURTER-2578_18 Datasheet
332Kb / 5P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578_V01 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2576 SCHURTER-2576_18 Datasheet
344Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com