Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40015S8I-C Datasheet(PDF) 4 Page - Xicor Inc.

Part # X40015S8I-C
Description  Dual Voltage Monitor with Integrated CPU Supervisor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40015S8I-C Datasheet(HTML) 4 Page - Xicor Inc.

  X40015S8I-C Datasheet HTML 1Page - Xicor Inc. X40015S8I-C Datasheet HTML 2Page - Xicor Inc. X40015S8I-C Datasheet HTML 3Page - Xicor Inc. X40015S8I-C Datasheet HTML 4Page - Xicor Inc. X40015S8I-C Datasheet HTML 5Page - Xicor Inc. X40015S8I-C Datasheet HTML 6Page - Xicor Inc. X40015S8I-C Datasheet HTML 7Page - Xicor Inc. X40015S8I-C Datasheet HTML 8Page - Xicor Inc. X40015S8I-C Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
X40010/X40011/X40014/X40015 – Preliminary
Characteristics subject to change without notice.
4 of 25
REV 1.3.4 7/12/02
www.xicor.com
Figure 2. VTRIPX Set/Reset Conditions
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. The
microprocessor must toggle the SDA pin HIGH to LOW
periodically, while SCL also toggles from HIGH to LOW
(this is a start bit) followed by a stop condition prior to
the expiration of the watchdog time out period to pre-
vent a WDO signal going active. The state of two non-
volatile control bits in the Status Register determines
the watchdog timer period. The microprocessor can
change these watchdog bits by writing to the X40010/
11/14/15 control register (also refer to page 19).
Figure 3. Watchdog Restart
V1 AND V2 THRESHOLD PROGRAM PROCEDURE
(OPTIONAL)
The X40010/11/14/15is shipped with standard V1 and
V2 threshold (VTRIP1, VTRIP2) voltages. These values
will not change over normal operating and storage con-
ditions. However, in applications where the standard
thresholds are not exactly right, or if higher precision is
needed in the threshold value, the X40010/11/14/15trip
points may be adjusted. The procedure is described
below, and uses the application of a high voltage control
signal.
Setting a VTRIPx Voltage (x=1, 2)
There are two procedures used to set the threshold
voltages (VTRIPx), depending if the threshold voltage to
be stored is higher or lower than the present value. For
example, if the present VTRIPx is 2.9 V and the new
VTRIPx is 3.2 V, the new voltage can be stored directly
into the VTRIPx cell. If however, the new setting is to be
lower than the present setting, then it is necessary to
“reset” the VTRIPx voltage before setting the new value.
Setting a Higher VTRIPx Voltage (x=1, 2)
To set a VTRIPx threshold to a new voltage which is
higher than the present threshold, the user must apply
the desired VTRIPx threshold voltage to the corre-
sponding input pin Vcc(V1MON), or V2MON. The
Vcc(V1MON) and V2MON must be tied together during
this sequence. Then, a programming voltage (Vp) must
be applied to the WDO pin before a START condition is
set up on SDA. Next, issue on the SDA pin the Slave
Address A0h, followed by the Byte Address 01h for
VTRIP1 and 09h for VTRIP2, and a 00h Data Byte in
order to program VTRIPx. The STOP bit following a
valid
write
operation
initiates
the
programming
sequence. Pin WDO must then be brought LOW to
complete the operation.
Note: This operation does not corrupt the memory
array.
VCC/V2MON
VTRIPX
VP
tWC
A0h
0
7
70
7
0
SCL
WDO
SDA
(X = 1, 2)
00h
SCL
SDA
.6µs
1.3µs
Timer Start


Similar Part No. - X40015S8I-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40015S8I-C RENESAS-X40015S8I-C Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results

Similar Description - X40015S8I-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com