Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1652-H-ABC0-D-EJ Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1652-H-ABC0-D-EJ
Description  IEC Connector C19, Rewireable, Straight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1652-H-ABC0-D-EJ Datasheet(HTML) 2 Page - Schurter Inc.

  1652-H-ABC0-D-EJ Datasheet HTML 1Page - Schurter Inc. 1652-H-ABC0-D-EJ Datasheet HTML 2Page - Schurter Inc. 1652-H-ABC0-D-EJ Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cord Connectors (rewireable)
652
www.schurter.com/pg07b
Connectors
Config. Code
ProductConfigurator
1652
|-|H|-|A|B|C|0-|D|-|E|J|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Type
Type
Configuration
key
protection class 1
X
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal L
Configuration
key
screw terminal
A
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal N
Configuration
key
screw terminal
A
SymbolssimilarasintableA
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Terminals
Terminal Ground
Configuration
key
screw terminal
A
SymbolssimilarasintableA
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Style
Style
Configuration
key
for cord assembly
8
1652
|-|H|-|A|B|C|0-|D|-|E|J| = Condition
Condition
Configuration
key
assembled
1
disassembled
2
Accessories
Description
HN 14.110
PVC Strain Relief
HN 14.45
PVC Strain Relief
HN 14.46
PVC Strain Relief


Similar Part No. - 1652-H-ABC0-D-EJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1652-H-ABC0-D-EJ

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0921 SCHURTER-0921_V01 Datasheet
231Kb / 3P
   IEC Connector C19, Rewireable, Straight
10.12.2021
0104U SCHURTER-0104U Datasheet
333Kb / 4P
   IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921_21 Datasheet
231Kb / 3P
   IEC Connector C19, Rewireable, Straight
0104 SCHURTER-0104 Datasheet
461Kb / 4P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_18 Datasheet
337Kb / 4P
   IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_V01 Datasheet
299Kb / 3P
   IEC Connector C19, Rewireable, Straight
10.12.2021
0104U_1804 SCHURTER-0104U_1804 Datasheet
333Kb / 4P
   IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_21 Datasheet
298Kb / 3P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_21 Datasheet
338Kb / 4P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795 Datasheet
366Kb / 2P
   IEC Connector C19, Rewireable, Straight
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com