Electronic Components Datasheet Search |
|
1624-K-H-ABCN-D-EGOP-I Datasheet(PDF) 2 Page - Schurter Inc. |
|
1624-K-H-ABCN-D-EGOP-I Datasheet(HTML) 2 Page - Schurter Inc. |
2 / 3 page 2 Power entry modules without line filter 624-K www.schurter.com/pg05 Connectors Config. Code Product Configurator 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| The characters are placeholders for the correspondingly keys of selections from the key tables. 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Type Type Configuration key combination frame K 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Terminals Terminal L Configuration key short solder terminal (L=4,8mm) 2 long solder terminal (L=8,5mm) 3 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Terminals Terminal N Configuration key short solder terminal (L=4,8mm) 2 long solder terminal (L=8,5mm) 3 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 Symbols similar as in table A 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Terminals Terminal Ground Configuration key short solder terminal (L=4,8mm) 2 long solder terminal (L=8,5mm) 3 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 Symbols similar as in table A 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Terminal Fuseholder Terminal Fuseholder Configuration key without terminal 0 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Color Color Configuration key jet black; RAL9005 A silver grey; RAL7001 B pure white; RAL9010 D standard color: black 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Style Style Configuration key snap-in (x=panel thickness) 4 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Dimension X Dimension "X" Configuration key 15 25 The dimension "X" is dispalyed in (1/10 mm). This information is also valid for the order code 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Features Features Configuration key thermal circuit breaker for rated current 4A A thermal circuit breaker for rated current 6A B thermal circuit breaker for rated current 8A C thermal circuit breaker for rated current 10A D thermal circuit breaker for rated current 15A E thermal circuit breaker for rated current 20A F 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Latching Action Switch Latching Action Switch Configuration key 1624-K |-|H|-|A|B|C|N|-|D|-|E|G|O|P|-|I| = Circuit breaker Circuit breaker Configuration key unipolar switch, single pole fuse, 6,3mm blade terminals, black rocker A unipolar switch, single pole fuse, 6,3mm blade terminals, rocker red illu- minated B unipolar switch, single pole fuse, 6,3mm blade terminals, rocker green illuminated C |
Similar Part No. - 1624-K-H-ABCN-D-EGOP-I |
|
Similar Description - 1624-K-H-ABCN-D-EGOP-I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |