Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315WMI-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9315WMI-2.7
Description  E 2 POT TM Nonvolatile Digital Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315WMI-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9315WMI-2.7 Datasheet HTML 1Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 2Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 3Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 4Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 5Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 6Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 7Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 8Page - Xicor Inc. X9315WMI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X9315
5
RECOMMENDED OPERATING CONDITIONS
6732 PGM T02
6732 PGM T03
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Supply Voltage
Limits
X9315
5V
±10%
X9315-2.7
2.7V to 5.5V
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
6732 PGM T04
STANDARD PARTS
6732 PGM T05
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Typ.(4)
Max.
ICC1
VCC Active Current
(Increment)
50
µA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max. tCYC
ICC2
VCC Active Current
(Store)
400
µA
CS = VIH, U/D = VIL or VIH
and INC = VIH
ISB
Standby Supply Current
1
µA
CS = VCC – 0.3V, U/D and
INC = VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µA
VIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
2
VCC + 1
V
HIGH Voltage
VIL
CS, INC, U/D Input
–0.5
0.8
V
LOW Voltage
RW
Wiper Resistence
400
1000
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
VSS
VCC
V
VVL
VL Terminal Voltage
VSS
VCC
V
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9315Z
1K
32.3
100
X9315W
10K
323
100


Similar Part No. - X9315WMI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WMI-2.7 INTERSIL-X9315WMI-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WMI-2.7T2 INTERSIL-X9315WMI-2.7T2 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315WMI-2.7T2 RENESAS-X9315WMI-2.7T2 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WMI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com