Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1201-H-ABC0-D-EGF Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1201-H-ABC0-D-EGF
Description  Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1201-H-ABC0-D-EGF Datasheet(HTML) 1 Page - Schurter Inc.

  1201-H-ABC0-D-EGF Datasheet HTML 1Page - Schurter Inc. 1201-H-ABC0-D-EGF Datasheet HTML 2Page - Schurter Inc. 1201-H-ABC0-D-EGF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Connectors (Inlets/Outlets)
20
www.schurter.com/pg07
Connectors
Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
70° C
Description
-PanelMount:
Snap-inversion,Frontside
-ApplianceInlet,Pintemperature70°C,ProtectionclassII,Solderor
Quick-Connect
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
7A/48VAC;50Hz
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class2acc.toIEC61140
PanelThicknesss
Snap-inversionfrom1mmto1.5mm
Material:Housing
UL94V-0
Dimensions
31mm
27.2
31
16
27
+0.2
- 0
3
lenght of the terminal please find at the order code configuration table
Dimension "X" please ref. to table order code


Similar Part No. - 1201-H-ABC0-D-EGF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1201-000191 TOSHIBA-1201-000191 Datasheet
5Mb / 70P
   COLOUR TELEVISION
1201-001064 TOSHIBA-1201-001064 Datasheet
5Mb / 70P
   COLOUR TELEVISION
1201-001131 TOSHIBA-1201-001131 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Frontier Electronics.
1201-01M FRONTIER-1201-01M Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1201-02M FRONTIER-1201-02M Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 1201-H-ABC0-D-EGF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1200 SCHURTER-1200 Datasheet
317Kb / 3P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1201-A SCHURTER-1201-A Datasheet
277Kb / 2P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1203 SCHURTER-1203 Datasheet
316Kb / 3P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1201 SCHURTER-1201_13 Datasheet
266Kb / 2P
   Appliance inlet for low voltage, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4 SCHURTER-6110-4 Datasheet
350Kb / 2P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6120-5 SCHURTER-6120-5 Datasheet
332Kb / 2P
   IEC Appliance Inlet C16A, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6110-4_1809 SCHURTER-6110-4_1809 Datasheet
273Kb / 3P
   IEC Appliance Inlet C16, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6102-5 SCHURTER-6102-5_V02 Datasheet
268Kb / 4P
   IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
4793 SCHURTER-4793 Datasheet
346Kb / 3P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
1624_1809 SCHURTER-1624_1809 Datasheet
329Kb / 4P
   IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick Connect Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com