Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1062 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1062
Description  IEC Appliance Inlet C14 or C18 with Fuseholder 1-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1062 Datasheet(HTML) 1 Page - Schurter Inc.

  1062 Datasheet HTML 1Page - Schurter Inc. 1062 Datasheet HTML 2Page - Schurter Inc. 1062 Datasheet HTML 3Page - Schurter Inc. 1062 Datasheet HTML 4Page - Schurter Inc. 1062 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power entry modules without line filter
062
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 or C18 with Fuseholder 1-pole
1062: Design 1 + 2
equipment class 1
1062: design 6 + 7
equipment class 1
C14
70° C
Description
-PanelMount:
Screw-onfromfrontside,ApplianceInlet,protectionclassIorII,Fuse-
holderforfuse-links5x20mm
-Solderterminalsorquickconnectterminals
Approvals
-ULLicenseNumber:E88880
-CSALicenseNumber:1084381
Characteristics
-Thefusedrawer"Fingergrip"canberemovedbyhand
Thefuseholderisaccessiblefromtheequipmentfront
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
Terminal
Solderterminalsorquickconnectter-
minals
Material:Housing
UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1or2
Fuseholder
1or2pole,acc.toIEC60127-6,
forfuse-links5x20mm
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
Dimensions
44mm
50
40
33
28
16.5
5
3
19.7
33.2
+0.2
- 0
40
lenght of the terminal please find at the order code configuration table


Similar Part No. - 1062

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1062 SCHURTER-1062 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
logo
Silicon Laboratories
1062-868-DK SILABS-1062-868-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
Heyco.
10620 HEYCO-10620 Datasheet
114Kb / 1P
   Nylon PCB Supports - Screw and Lock
More results

Similar Description - 1062

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4707 SCHURTER-4707_21 Datasheet
398Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
4707 SCHURTER-4707_V01 Datasheet
398Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
08.12.2021
4707 SCHURTER-4707_18 Datasheet
356Kb / 4P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064 SCHURTER-1064_V01 Datasheet
367Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
08.12.2021
1064_1809 SCHURTER-1064_1809 Datasheet
359Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064 SCHURTER-1064_21 Datasheet
367Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064 SCHURTER-1064 Datasheet
449Kb / 4P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
4707 SCHURTER-4707_17 Datasheet
343Kb / 4P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064 SCHURTER-1064_17 Datasheet
361Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1066 SCHURTER-1066 Datasheet
371Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com