Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060-H-ABCN-D-EGO Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1060-H-ABCN-D-EGO
Description  IEC Appliance Inlet C14 with Fuseholder 1-pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1060-H-ABCN-D-EGO Datasheet(HTML) 1 Page - Schurter Inc.

  1060-H-ABCN-D-EGO Datasheet HTML 1Page - Schurter Inc. 1060-H-ABCN-D-EGO Datasheet HTML 2Page - Schurter Inc. 1060-H-ABCN-D-EGO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power entry modules without line filter
060
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1-pole
C14
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,ApplianceInlet,Protection
classI,Fuseholderforfuse-links5x20mm
-Solderterminalsorquickconnectterminals
Approvals
-VDELicenseNumber:4E+07
-ULLicenseNumber:E88880
-CSALicenseNumber:1084381
Characteristics
-Thefusedrawer"Fingergrip"canberemovedbyhand
Thefuseholderisaccessiblefromtheequipmentfront
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Solderterminalsorquickconnectter-
minals
Material:Housing
UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,acc.toIEC60127-6,
forfuse-links5x20mm
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
Dimensions
44mm
44
27.7
4.5
36
27
2.5
21.5
27.2
+0.2
- 0
36
R 2.5
lenght of the terminal please find at the order code configuration table


Similar Part No. - 1060-H-ABCN-D-EGO

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
logo
TE Connectivity Ltd
1060-16-0622 TEC-1060-16-0622 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0644 TEC-1060-16-0644 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0677 TEC-1060-16-0677 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0688 TEC-1060-16-0688 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
More results

Similar Description - 1060-H-ABCN-D-EGO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6200 SCHURTER-6200 Datasheet
488Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
6205 SCHURTER-6205 Datasheet
472Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060_13 Datasheet
457Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
5200 SCHURTER-5200 Datasheet
796Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
6205 SCHURTER-6205_V01 Datasheet
388Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, unwired
5200 SCHURTER-5200_V01 Datasheet
668Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
6200 SCHURTER-6200_17 Datasheet
370Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
6200 SCHURTER-6200_V01 Datasheet
400Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
5200 SCHURTER-5200_V02 Datasheet
668Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
04.01.2022
5200 SCHURTER-5200_17 Datasheet
637Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com