Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241UVI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9241UVI
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241UVI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9241UVI Datasheet HTML 7Page - Xicor Inc. X9241UVI Datasheet HTML 8Page - Xicor Inc. X9241UVI Datasheet HTML 9Page - Xicor Inc. X9241UVI Datasheet HTML 10Page - Xicor Inc. X9241UVI Datasheet HTML 11Page - Xicor Inc. X9241UVI Datasheet HTML 12Page - Xicor Inc. X9241UVI Datasheet HTML 13Page - Xicor Inc. X9241UVI Datasheet HTML 14Page - Xicor Inc. X9241UVI Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X9241
11
Limits
Reference
Symbol
Parameter
Min.
Max.
Units
Figure
fSCL
SCL Clock Frequency
0
100
KHz
10
tLOW
Clock LOW Period
4700
ns
10
tHIGH
Clock HIGH Period
4000
ns
10
tR
SCL and SDA Rise Time
1000
ns
10
tF
SCL and SDA Fall Time
300
ns
10
Ti
Noise Suppression Time Constant
100
ns
10
(Glitch Filter)
tSU:STA
Start Condition Setup Time (for a Repeated
4700
ns
10 & 12
Start Condition)
tHD:STA
Start Condition Hold Time
4000
ns
10 & 12
tSU:DAT
Data in Setup Time
250
ns
10
tHD:DAT
Data in Hold Time
0
ns
10
tAA
SCL LOW to SDA Data Out Valid
300
3500
ns
11
tDH
Data Out Hold Time
300
ns
11
tSU:STO
Stop Condition Setup Time
4700
ns
10 & 12
tBUF
Bus Free Time Prior to New Transmission
4700
ns
10
tWR
Write Cycle Time (Nonvolatile Write Operation)
10
ms
13
tSTPWV
Wiper Response Time From Stop Generation
500
µs13
tCLWV
Wiper Response From SCL LOW
1000
µs6
tR VCC
VCC Power-up Rate
0.2
50
mV/
µs
3864 PGM T11.3
A.C. CHARACTERISTICS (Over recommended operating conditions unless otherwise stated)
Figure 10. Input Bus Timing
3864 ILL F03
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tF
tSU:STO
tR
tBUF
SCL
SDA
(DATA IN)


Similar Part No. - X9241UVI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241UVI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com