Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM28C020I-15 Datasheet(PDF) 11 Page - Xicor Inc.

Part # XM28C020I-15
Description  5 Volt, Byte Alterable E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C020I-15 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button XM28C020I-15 Datasheet HTML 7Page - Xicor Inc. XM28C020I-15 Datasheet HTML 8Page - Xicor Inc. XM28C020I-15 Datasheet HTML 9Page - Xicor Inc. XM28C020I-15 Datasheet HTML 10Page - Xicor Inc. XM28C020I-15 Datasheet HTML 11Page - Xicor Inc. XM28C020I-15 Datasheet HTML 12Page - Xicor Inc. XM28C020I-15 Datasheet HTML 13Page - Xicor Inc. XM28C020I-15 Datasheet HTML 14Page - Xicor Inc. XM28C020I-15 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
XM28C020
11
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
Output Load
1 TTL Gate and
CL = 100pF
3872 PGM T05.1
3872 FHD F03
MODE SELECTION
CE
OE WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and Write Inhibit
High Z
Standby
X
L
X
Write Inhibit
X
X
H
Write Inhibit
3872 PGM T06
A.C. CHARACTERISTICS
XM28C020 TA = 0°C to +75°C, VCC = +5V ±10%, unless otherwise specified.
XM28C020I TA = –40°C to +85°C, VCC = +5V ±10%, unless otherwise specified.
XM28C020M TA = –55°C to +125°C, VCC = +5V ±10%, unless otherwise specified.
Read Cycle Limits
XM28C020-15
XM28C020-20
XM28C020-25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
150
200
250
ns
tCE
Chip Enable Access Time
150
200
250
ns
tAA
Address Access Time
150
200
250
ns
tOE
Output Enable Access Time
70
80
100
ns
tLZ(3)
CE Low to Active Output
0
0
0
ns
tOLZ(3) OE Low to Active Output
0
0
0
ns
tHZ(4)
CE High to High Z Output
100
100
100
ns
tOHZ(4) OE High to High Z Output
100
100
100
ns
tOH
Output Hold From Address Change
0
0
0
ns
3872 PGM T07.1
Read Cycle
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z
Note:
(3) tLZ and tOLZ are shown for reference only, they are periodically characterized and are not 100% tested.
(4) tHZ and tOHZ are measured from the point when CE or OE return high (whichever occurs first) to the time when the outputs are
no longer driven.


Similar Part No. - XM28C020I-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-12 XICOR-XM28C010P-12 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-15 XICOR-XM28C010P-15 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-20 XICOR-XM28C010P-20 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-70 XICOR-XM28C010P-70 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
More results

Similar Description - XM28C020I-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com