Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9314WPM3 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9314WPM3
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9314WPM3 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9314WPM3 Datasheet HTML 2Page - Xicor Inc. X9314WPM3 Datasheet HTML 3Page - Xicor Inc. X9314WPM3 Datasheet HTML 4Page - Xicor Inc. X9314WPM3 Datasheet HTML 5Page - Xicor Inc. X9314WPM3 Datasheet HTML 6Page - Xicor Inc. X9314WPM3 Datasheet HTML 7Page - Xicor Inc. X9314WPM3 Datasheet HTML 8Page - Xicor Inc. X9314WPM3 Datasheet HTML 9Page - Xicor Inc. X9314WPM3 Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
X9314
8
PACKAGING INFORMATION
3926 FHD F01
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP. 0.010 (0.25)
0
°
15
°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
0.015 (0.38)
MAX.
0.325 (8.25)
0.300 (7.62)


Similar Part No. - X9314WPM3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9314WP INTERSIL-X9314WP Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9314WP INTERSIL-X9314WP Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
X9314WP-3 INTERSIL-X9314WP-3 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9314WPI INTERSIL-X9314WPI Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9314WPI INTERSIL-X9314WPI Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9314WPM3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com