Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM9926TGO Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9926TGO
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9926TGO Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9926TGO Datasheet HTML 1Page - Silicon Standard Corp. SSM9926TGO Datasheet HTML 2Page - Silicon Standard Corp. SSM9926TGO Datasheet HTML 3Page - Silicon Standard Corp. SSM9926TGO Datasheet HTML 4Page - Silicon Standard Corp. SSM9926TGO Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM9926TGO
03/11/2007 Rev.1.00
www.SiliconStandard.com
1
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
PRODUCT SUMMARY
Low on-resistance
Capable of 2.5V gate drive
Surface mount package
DESCRIPTION
The Advanced Power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
D2
S2
S2
G2
D1
S1
S1
G1
TSSOP-8
G2
D2
S2
G1
D1
S1
Pb-free; RoHS-compliant
BVDSS
20V
RDS(ON)
32mΩ
ID
4.7A
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
125
℃/W
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
±12
Continuous Drain Current
3
4.7
Continuous Drain Current
3
3.8
Pulsed Drain Current
1
20
Total Power Dissipation
1
Linear Derating Factor
0.008
Storage Temperature Range
-55 to 150
Operating Junction Temperature Range
-55 to 150
Parameter
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA


Similar Part No. - SSM9926TGO

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM9926-A VBSEMI-SSM9926-A Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
SSM9926A VBSEMI-SSM9926A Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
VBsemi Electronics Co.,...
SSM9926EM VBSEMI-SSM9926EM Datasheet
986Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
SSM9926EM-A VBSEMI-SSM9926EM-A Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - SSM9926TGO

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com